Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 20 Page - Texas Instruments

Part # THS4521
Description  THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 20 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 16Page - Texas Instruments THS4521 Datasheet HTML 17Page - Texas Instruments THS4521 Datasheet HTML 18Page - Texas Instruments THS4521 Datasheet HTML 19Page - Texas Instruments THS4521 Datasheet HTML 20Page - Texas Instruments THS4521 Datasheet HTML 21Page - Texas Instruments THS4521 Datasheet HTML 22Page - Texas Instruments THS4521 Datasheet HTML 23Page - Texas Instruments THS4521 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 66 page
background image
6.9 Typical Characteristics: 3-V to 5-V Supply Range (continued)
at Vs+ = 3 V and 5 V, Vs– = GND, Vocm is open, 50-Ω single-ended input to differential output, gain = 2 V/V, Rload = 500 Ω,
and TA ≈ 25°C (unless otherwise noted)
Differential Load (:)
10
100
1000
0
1
2
3
4
5
6
7
8
9
10
D055
5 V supply
3 V supply
Maximum differential output swing, Vocm at midsupply
Figure 6-55. Maximum Vopp vs Rload
Disable Pin Voltage (PD) Volts
0
1
2
3
4
5
7
7.5
8
8.5
9
9.5
10
10.5
11
D056
5 V supply
3 V supply
.
Figure 6-56. Supply Current vs PD Voltage
Vocm Offset Voltage (mV)
0
200
400
600
800
1000
1200
1400
D057
5 V data
3 V data
Vocm input floating, 3 lots, total of 2962 units
Figure 6-57. Common-Mode Output Offset From Vs+ / 2 Default
Value
Vocm Offset Voltage (mV)
0
100
200
300
400
500
600
D058
5 V data
3 V data
Input driven mid-supply, 3 lots, total of 2962 units
Figure 6-58. Common-Mode Output Offset From Driven Vocm
Time (µs)
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
-2
-1
0
1
2
3
4
5
D059
PD 3 V
PD 5 V
5-V Supply
3-V Supply
10 MHz, 1-Vpp input single to differential gain of 2,
see Figure 7-3
Figure 6-59. PD Turn On Waveform
Time (µs)
0.28
0.3
0.32
0.34
0.36
-2
-1
0
1
2
3
4
5
D060
PD 3 V
Out 3 V
Out 5 V
PD 5 V
10 MHz, 1-VPP input single to differential gain of 2,
see Figure 7-3
Figure 6-60. PD Turn Off Waveform
THS4541
SLOS375B – AUGUST 2014 – REVISED FEBRUARY 2024
www.ti.com
20
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: THS4541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com