Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 33 Page - Texas Instruments

Part # THS4521
Description  THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 33 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 29Page - Texas Instruments THS4521 Datasheet HTML 30Page - Texas Instruments THS4521 Datasheet HTML 31Page - Texas Instruments THS4521 Datasheet HTML 32Page - Texas Instruments THS4521 Datasheet HTML 33Page - Texas Instruments THS4521 Datasheet HTML 34Page - Texas Instruments THS4521 Datasheet HTML 35Page - Texas Instruments THS4521 Datasheet HTML 36Page - Texas Instruments THS4521 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 66 page
background image
8 Detailed Description
8.1 Overview
The THS4541 is a voltage-feedback (VFA) based, fully-differential amplifier (FDA) offering greater than 500-
MHz, small-signal bandwidth at a gain of 2 V/V with trimmed supply current and input offset voltage. The
core differential amplifier is a slightly decompensated voltage-feedback design with a high slew-rate, precision
input stage. This design gives the 500-MHz gain of 2-V/V small-signal bandwidth shown in the characterization
curves, with a 1500-V/µs slew rate, yielding approximately a 340-MHz, 2-VPP, large-signal bandwidth in the
same circuit configuration.
The outputs offer near rail-to-rail output swing (0.2-V headroom to either supply), while the device inputs are
negative rail inputs with approximately 1.2 V of headroom required to the positive supply. This negative rail input
directly supports a bipolar input around ground in a dc-coupled, single-supply design( Figure 7-3 shows). Similar
to all FDA devices, the output average voltage (common-mode) is controlled by a separate common-mode
loop. The target for this output average is set by the Vocm input pin that can be either floated to default
near midsupply or driven to a desired output common-mode voltage. The Vocm range extends from a very
low 0.91 V above the negative supply to 1.1 V below the positive supply, supporting a wide range of modern
analog-to-digital converter (ADC) input common-mode requirements using a single 2.7-V to 5.4-V supply range
for the THS4541.
A power-down pin (PD) is included. Pull the PD pin voltage to the negative supply to turn the device off, putting
the THS4541 into a very-low quiescent current state. For normal operation, the PD pin must be asserted high.
When the device is disabled, remember that the signal path is still present through the passive external resistors.
Input signals applied to a disabled THS4541 still appear at the outputs at some level through this passive
resistor path, as is the case for any disabled FDA device.
8.1.1 Terminology and Application Assumptions
Like all widely-used devices, numerous common terms have developed that are unique to this type of device.
These terms include:
• Fully differential amplifier (FDA)—In this document, this term is restricted to devices offering what appears
similar to a differential inverting op amp design element that requires an input resistor (not high-impedance
input) and includes a second internal control-loop setting the output average voltage (Vocm) to a default or
set point. This second loop interacts with the differential loop in some configurations.
• The desired output signal at the two output pins is a differential signal swinging symmetrically around a
common-mode voltage where that is the average voltage for the two outputs.
• Single-ended to differential—always use the outputs differentially in an FDA; however, the source signal can
be either a single-ended source or differential, with a variety of implementation details for either. When the
FDA operation is single-ended to differential, only one of the two input resistors receives the source signal
with the other input resistor connected to a dc reference (often ground) or through a capacitor to ground.
To simplify, several features in the application of the THS4541 are not explicitly stated, but are necessary for
correct operation. These requirements include:
• Good power-supply decoupling is required. Minimize the distance (< 0.1") from the power-supply pins to
high-frequency, 0.1-μF decoupling capacitors. Often a larger capacitor (2.2 µF is typical) is used along with a
high-frequency, 0.1-µF supply decoupling capacitor at the device supply pins (share this capacitor for the four
supply pins in the RGT package). For single-supply operation, only the positive supply has these capacitors.
When a split supply is used, use these capacitors for each supply to ground. If necessary, place the larger
capacitors somewhat farther from the device and share these capacitors among several devices in the same
area of the printed circuit board (PCB). For each THS4541, attach a separate 0.1-µF capacitor to a nearby
ground plane. With cascaded or multiple parallel channels, including ferrite beads from the larger capacitor is
often useful to the local high-frequency decoupling capacitor.
www.ti.com
THS4541
SLOS375B – AUGUST 2014 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: THS4541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com