Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 21 Page - Texas Instruments

Part # THS4521
Description  THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 17Page - Texas Instruments THS4521 Datasheet HTML 18Page - Texas Instruments THS4521 Datasheet HTML 19Page - Texas Instruments THS4521 Datasheet HTML 20Page - Texas Instruments THS4521 Datasheet HTML 21Page - Texas Instruments THS4521 Datasheet HTML 22Page - Texas Instruments THS4521 Datasheet HTML 23Page - Texas Instruments THS4521 Datasheet HTML 24Page - Texas Instruments THS4521 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
7 Parameter Measurement Information
7.1 Example Characterization Circuits
The THS4541 offers the advantages of a fully differential amplifier (FDA) design, with the trimmed input offset
voltage of a precision op amp. The FDA is an extremely flexible device that provides a purely differential output
signal centered on a settable output common-mode level. The primary options revolve around the choices
of single-ended or differential inputs, ac-coupled or dc-coupled signal paths, gain targets, and resistor-value
selections. Figure 6-1 to Figure 6-36 shows the characterizations that focus on single-ended-to-differential
designs as the more challenging application requirement. Differential sources can certainly be supported and are
often simpler to implement and analyze.
Because most lab equipment is single-ended, the characterization circuits typically operate with a single-ended,
matched, 50-Ω input termination to a differential output at the FDA output pins. That output is then translated
back to single-ended through a variety of baluns (or transformers) depending on the test and frequency range.
DC-coupled, step-response testing uses two 50-Ω scope inputs with trace math. Figure 7-1 shows the starting
point for any single-ended-to-differential, ac-coupled characterization plot.
C2
100 nF
Rf1
402
Rload
500
Rg1
191
C1
100 nF
Rg2
221
Rt
60.2
Output
Measurement
Point
THS4541 Wideband,
Fully-Differential Amplifier
50-
Input Match,
Gain of 2 V/V from Rt,
Single-Ended Source to
Differential Output
Vocm
Rf2
402
50-
Source
+
±
Vcc
+
±
Vocm
Vcc
FDA
PD
Figure 7-1. AC-Coupled, Single-Ended Source to a Differential Gain of a 2 V/V Test Circuit
Figure 7-1 shows how most characterization plots fix the Rf (Rf1 = Rf2) value at 402 Ω. This element value is
completely flexible in application, but the 402 Ω provides a good compromise for the parasitic issues linked to
this value, specifically:
• Added output loading. The FDA appears like an inverting op amp design with both feedback resistors as an
added load across the outputs. Figure 7-1 shows how the approximate total differential load is 500 Ω || 804 Ω
= 308 Ω.
• Noise contributions because of the resistor values. The resistors contribute both a 4kTR term and provide
gain for the input current noise (see Section 7.5).
• Parasitic feedback pole at the input summing nodes. This pole created by the feedback R value and the
0.85 pF differential input capacitance (as well as any board layout parasitic) introduces a zero in the noise
gain, decreasing the phase margin in most situations. This effect must be managed for best frequency
response flatness or step response overshoot. The 402 Ω value selected does degrade the phase margin
slightly over a lower value, but does not decrease the loading significantly from the nominal 500 Ω value
across the output pins.
www.ti.com
THS4541
SLOS375B – AUGUST 2014 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: THS4541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com