Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 29 Page - Texas Instruments

Part # THS4521
Description  THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 29 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 25Page - Texas Instruments THS4521 Datasheet HTML 26Page - Texas Instruments THS4521 Datasheet HTML 27Page - Texas Instruments THS4521 Datasheet HTML 28Page - Texas Instruments THS4521 Datasheet HTML 29Page - Texas Instruments THS4521 Datasheet HTML 30Page - Texas Instruments THS4521 Datasheet HTML 31Page - Texas Instruments THS4521 Datasheet HTML 32Page - Texas Instruments THS4521 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 66 page
background image
Table 7-3. Worst-Case Output Vod Error Band
ERROR TERM
25°C MAXIMUM VALUE
GAIN TO Vod
OUTPUT ERROR
Input Vio
±0.45 mV
2.85 V/V
±1.2825 mV
Input Ios
±0.5 µA
402 Ω
±0.201 mV
Input Ibcm, Rf mismatch
13 µA
±8.04 Ω
±0.105 mV
Vocm input, G mismatch
2.5 V
±0.0322
±80.5 mV
Total
±82.09 mV
The 0.03222 conversion gain for the G ratio mismatch is the worst case, starting from the initially higher G1
value because of standard value approximation, and using a ±1% tolerance on the Rf and Rg elements of
that ratio. The actual Vocm conversion gain range is not symmetric, but is shown that way here. The initial
25°C worst-case error band is dominated by the Vocm conversion to Vod through the feedback resistor ratio
mismatch. Improve this G match and tolerances to reduce this term.
Normally, the expected drift in the output Vod is of more interest than an initial error band. Table 7-4 shows these
terms and the summed results, adding all the terms independently to obtain a worst-case drift.
Table 7-4. Worst-Case Output Vod Drift Band
ERROR TERM
DRIFT MAXIMUM VALUE
GAIN TO Vod
OUTPUT ERROR
Input Vio
±2.4 µV/°C
2.85 V/V
±6.84 µV/°C
Input Ios
±1.3 nA/°C
402 Ω
±0.522 µV/°C
Input Ibcm, Rf mismatch
15 nA/°C
±8.04 Ω
±0.121 µV/°C
Vocm input, G mismatch
±12 µV/°C
±0.0322
±0.386 µV/°C
Total
±7.86 µV/°C
In this calculation, the input offset voltage drift dominates the output differential offset drift. For the last term, the
drift for the Vocm path is just for the internal offset drift of the common-mode path. Make sure to also consider
the added external drift on the source of the Vocm input.
The absolute accuracy and drift for the THS4541 are exceptionally good. Mismatched resistor feedback ratios
combined with a high drift in the Vocm control input can actually dominate the output Vod drift. Where the output
differential precision is more important than the input matching accuracy, consider matching the networks on the
two input sides to achieve improved nominal G1 to G2 match. The gains for the input bias current error terms are
relatively low in this example design using 402-Ω feedback values. Higher Rf values give these terms more gain.
Table 7-4 shows a less conservative estimate of output drift considers the terms to be uncorrelated and RMS half
of each terms worst-case span. Performing this calculation for this example estimates a less conservative output
offset drift of ±3.42 µV/°C; essentially, half the worst-case span of the input offset drift term. Follow these steps to
estimate the output differential offset and drift for any external configuration.
www.ti.com
THS4541
SLOS375B – AUGUST 2014 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: THS4541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com