Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 42 Page - Texas Instruments

Part # THS4521
Description  THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 42 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 38Page - Texas Instruments THS4521 Datasheet HTML 39Page - Texas Instruments THS4521 Datasheet HTML 40Page - Texas Instruments THS4521 Datasheet HTML 41Page - Texas Instruments THS4521 Datasheet HTML 42Page - Texas Instruments THS4521 Datasheet HTML 43Page - Texas Instruments THS4521 Datasheet HTML 44Page - Texas Instruments THS4521 Datasheet HTML 45Page - Texas Instruments THS4521 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 66 page
background image
Rf1
402
R1
500
Rg1
100
Rg2
100
Output
Measurement
Point
THS4541 Wideband,
Fully-Differential Amplifier
Rf2
402
Pulse
CX2047LNL
1:2 Turns Ratio
Balun
N1
N2
VG1
M1
90.4 H
C1
100 nF
Rs
50
+
±
+
±
Vcc
+
±
Vocm
Vcc
FDA
PD
Figure 8-3. Input Balun Interface Delivers a Differential Input to the THS4541
In this example, this 1:2 turns ratio step-up transformer provides a source and load match from the 50-Ω source
if the secondary is terminated in 200 Ω (turns-ratio squared is the impedance ratio across a balun). The two Rg
elements provide that termination as the elements sum to the differential virtual ground at the FDA summing
junctions. The input blocking cap (C1) is optional and included only to eliminate dc shorts to ground from the
source. This solution often improves the input-referred noise figure more so than just the FDA using this passive
(zero power dissipation) input balun. Defining a few ratios allows a noise figure expression to be written as
Equation 14:
‡
‡
‡
(
)
‡
(
)
2
2
n
ni
2
2
2
2
2
n i
Rs
e
1
1
1
n
2
2
1
8
4
NF
10 Log 1
k Rs
E
D
E
E
E
DE
DE
§
·
§
·
§
·
¨
¸
¨
¸
¨
¸
¨
¸
©
¹
©
¹
¨
¸
¨
¸
¨
¸
©
¹
T
(14)
where
• n ≡ turns ratio (the ohms ratio is then n2)
• α ≡ differential gain in the FDA = Rf / Rg
• β ≡ transformer insertion loss in V/V (from a dB insertion loss, convert to linear attenuation = β)
• kT = 4e-21J at 290 K (17°C)
One way to use Equation 14 is to fix the input balun selection, and then sweep the FDA gain by stepping up
the Rf value. The lowest-noise method uses just the two Rg elements for termination matching (no Rm element,
such as in Figure 8-3) and sweep the Rf values up to assess the resulting input-referred noise figure. While this
method can be used with all FDAs and a wide range of input baluns, relatively low-frequency input baluns are an
appropriate choice here because the THS4541 holds exceptional SFDR for less than 40-MHz applications. Two
representative selections, with typical measured spans and resulting model elements, are shown in Table 8-2.
For these two selections, the critical inputs for the noise figures are the turns ratio and the insertion loss (the 0.2
dB for the CX2014LNL becomes a β = 0.977 in the NF expression).
Table 8-2. Example Input Step-Up Baluns and Associated Parameters
PART
NUMBER
Rs (Ω)
–1-dB FREQUENCY
(MHz)
INSERTION
LOSS (dB)
MFR
NO. OF DECADES
–3-dB FREQUENCY
(MHz)
TURNS
RATIO
MODEL ELEMENTS
MIN
MAX
–1-dB
POINTS
–3-dB
POINTS
MIN
MAX
L1 (µH)
L2 (µH)
k
M (µH)
ADT2-1T
50
0.1
463
0.3
MiniCircuits
3.67
4.22
0.05
825
1.41
79.57747
158.50797
0.99988
112.19064
CX2047LNL
50
0.083
270
0.2
Pulse Eng
3.51
3.93
0.044
372
2
90.42894
361.71578
0.99976
180.81512
THS4541
SLOS375B – AUGUST 2014 – REVISED FEBRUARY 2024
www.ti.com
42
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: THS4541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com