Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 26 Page - Texas Instruments

Part # THS4521
Description  THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 26 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 22Page - Texas Instruments THS4521 Datasheet HTML 23Page - Texas Instruments THS4521 Datasheet HTML 24Page - Texas Instruments THS4521 Datasheet HTML 25Page - Texas Instruments THS4521 Datasheet HTML 26Page - Texas Instruments THS4521 Datasheet HTML 27Page - Texas Instruments THS4521 Datasheet HTML 28Page - Texas Instruments THS4521 Datasheet HTML 29Page - Texas Instruments THS4521 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 66 page
background image
7.3 I/O Headroom Considerations
The starting point for most designs is usually to assign an output common-mode voltage. For ac-coupled signal
paths, this voltage is often the default mid-supply voltage to retain the most available output swing around the
centered Vocm. For dc-coupled designs, set this voltage with consideration for the required minimum headroom
to the supplies shown in the specifications for the Vocm control. From the target output Vocm, the next step is to
verify that the desired output differential VPP stays within the supplies. For any desired differential Vopp, check
that the absolute maximum output pin swings with Equation 2 and Equation 3, and confirm the differential Vopp
are within the supply rails for this rail-to-rail (RR) output device.
min
Vopp
Vo
Vocm
4
(2)
max
Vopp
Vo
Vocm
4
(3)
For instance, driving the ADC3223 with a 0.95 Vcm control using a single 3.3 V supply, the maximum output
swing is set by the negative-going signal from 0.95 Vcm to +0.2 V above ground. This 0.75 V, single-sided swing
becomes an available 4 × 0.75 V = 3 VPP differential around the nominal 0.95 Vcm output common mode. On
the high side, the maximum output is 0.95 + 0.75 = 1.7 V. This result is well within the allowed maximum of 3.3
V – 0.2 V = 3.1 V. This 3 VPP is also well beyond the maximum required 2-VPP full-scale differential input for this
ADC. However, having this extra swing range is useful if an interstage filter to the ADC adds insertion loss.
With the output headrooms confirmed, the input junctions must also stay within the operating range. The input
range extends to the negative supply voltage (over the full temperature range); therefore, input range limitations
usually appear only approaching the positive supply, where a maximum 1.3 V headroom is required over the full
temperature range.
The input pins operate at voltages set by the external circuit design, the required output Vocm, and the input
signal characteristics. For differential-to-differential designs where the input Vicm voltage does not move with the
input signal, there are two configurations to consider:
• AC-coupled, differential-input designs have a Vicm equal to the output Vocm. The input Vicm requires
approximately a 1.3 V headroom to the positive supply; therefore, the maximum Vocm to that value reduces
from the Vocm positive headroom requirement of 1.2 V to the 1.3 V required on the input pins. The lower limit
on the output Vocm is approximately 0.95 V to the negative supply over the full temperature range, and well
within the 0-V minimum headroom on the input Vicm.
• DC-coupled, differential-input designs, check the voltage divider from the source Vcm to the THS4541 Vocm
setting to confirm the resulting voltage divider solves to an input Vicm within the allowed range. If the source
Vcm can vary over some voltage range, this result must be validated over that range.
For single-ended input to differential output designs, there is a dc Vicm voltage set by the external configuration
with a small-signal related swing around that. The two conditions to consider are:
• AC-coupled, single-ended input to differential designs place an average input Vicm equal to the output Vocm
voltage with an ac-coupled swing around that Vocm following the input voltage.
• DC-coupled, single-ended input to differential designs get a nominal input Vicm set by the source-signal
common mode and the output Vocm setting with a small, signal-related swing around the dc Vicm level set by
the voltage divider.
One method of deriving the voltage range for Vicm for any single-ended input to differential output design is
to determine the voltage swing on the nonsignal-input side of the FDA outputs and simply take the respective
divider back to the input pin to ground or the dc reference used on that side. An example analysis is shown in
Figure 7-8, where the circuit of Figure 7-1 is simplified to show just a Thevenized source impedance.
THS4541
SLOS375B – AUGUST 2014 – REVISED FEBRUARY 2024
www.ti.com
26
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: THS4541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com