Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 19 Page - Texas Instruments

Part # THS4521
Description  THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 19 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 15Page - Texas Instruments THS4521 Datasheet HTML 16Page - Texas Instruments THS4521 Datasheet HTML 17Page - Texas Instruments THS4521 Datasheet HTML 18Page - Texas Instruments THS4521 Datasheet HTML 19Page - Texas Instruments THS4521 Datasheet HTML 20Page - Texas Instruments THS4521 Datasheet HTML 21Page - Texas Instruments THS4521 Datasheet HTML 22Page - Texas Instruments THS4521 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 66 page
background image
6.9 Typical Characteristics: 3-V to 5-V Supply Range (continued)
at Vs+ = 3 V and 5 V, Vs– = GND, Vocm is open, 50-Ω single-ended input to differential output, gain = 2 V/V, Rload = 500 Ω,
and TA ≈ 25°C (unless otherwise noted)
Input Offset Voltage (PV)
0
100
200
300
400
500
600
D049
+5 V supply
+3 V supply
3 lots, total of 2962 units trimmed at 5-V supply
Figure 6-49. Input Offset Voltage
Input Offset Current (nA)
0
100
200
300
400
500
600
700
800
900
D050
+5 V supply
+3 V supply
3 lots, total of 2962 units
Figure 6-50. Input Offset Current
Ambient Temperature (°C)
-50
-25
0
25
50
75
100
125
-100
-75
-50
-25
0
25
50
75
100
D051
5-V and 3-V delta from 25°C VIO, 25 units
Figure 6-51. Input Offset Voltage Over Temperature
Ambient Temperature (°C)
-50
-25
0
25
50
75
100
125
-250
-200
-150
-100
-50
0
50
100
150
200
250
D052
5-V and 3-V over temperature IOS, 25 units
Figure 6-52. Input Offset Current Over Temperature
Offset Drift (µV/qC)
0
2
4
6
8
10
12
14
D053
+5 V supply
+3 V supply
–40°C to +125°C endpoint drift, 3 lots, total of 68 units
Figure 6-53. Input Offset Voltage Drift
Offset Current Drift (nA/°C)
0
2
4
6
8
10
12
D054
+5 V supply
+3 V supply
–40°C to +125°C endpoint drift, 3 lots, total of 68 units
Figure 6-54. Input Offset Current Drift
www.ti.com
THS4541
SLOS375B – AUGUST 2014 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: THS4541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com