Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 24 Page - Texas Instruments

Part # THS4521
Description  THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 24 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 20Page - Texas Instruments THS4521 Datasheet HTML 21Page - Texas Instruments THS4521 Datasheet HTML 22Page - Texas Instruments THS4521 Datasheet HTML 23Page - Texas Instruments THS4521 Datasheet HTML 24Page - Texas Instruments THS4521 Datasheet HTML 25Page - Texas Instruments THS4521 Datasheet HTML 26Page - Texas Instruments THS4521 Datasheet HTML 27Page - Texas Instruments THS4521 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 66 page
background image
NG is critically important for bandwidth and all output error terms (such as dc offset and noise). For lower-speed
devices, normally only the dc noise gain is considered. However, for the THS4541, with loop gain crossover at
greater than 300 MHz, the feedback network produces a parasitic pole to the differential summing junctions that
causes the noise gain to increase with frequency. This pole causes a lower than expected crossover frequency
added phase shift around the loop. Consider the feedback network (single-ended) of Figure 7-5, showing a
parasitic 0.2 pF on the feedback 402 Ω resistor. The 0.85 pF differential input capacitance of the THS4541 is
converted to single-ended as a 1.7 pF parasitic for this single-sided analysis circuit (the Rg shown is Rg2 in
Figure 7-1).
Rf
402
FDA
Output
Pin
+
±
Cf
200 fF
Rg
221
Vout
Cin
1.7 pF
Vin
Figure 7-5. Feedback Network for the Gain of 2 Configuration Using 402 Ω and Matching to a 50 Ω
Source
The response shape from Vout to Vin in Figure 7-5 has a pole and then a zero. To describe NG, invert the
Laplace transform of Vin and Vout from Figure 7-5 to provide the frequency-dependent NG response of Equation
1, where a zero comes in first and then a pole.
‡
Rf
1
Rg
s
Rf Cf
Cin
Cin
NG
1
1
Cf
s
Rf Cf
§
·
¨
¸
©
¹
(1)
The zero location is key. Using the gain of 2 values of Figure 7-5, the estimated zero in the NG is 588 MHz.
Limiting the parasitic capacitance at the summing junctions, either differentially or signal-ended, to a ground or
power plane is critical in board layouts.
Using this feedback model, and the open-loop gain and phase data for the THS4541, allows the Aol and NG
curves over frequency to be drawn, as shown in Figure 7-6, where the peaking in the noise gain pulls the
intersection point back in frequency.
Frequency (Hz)
0
5
10
15
20
25
30
35
40
10M
100M
1G
D062
Aol Gain
Gain = 0.1
Gain = 1
Gain = 2
Figure 7-6. Aol and Noise Gain Plots for the Lower Gains of Figure 7-1
THS4541
SLOS375B – AUGUST 2014 – REVISED FEBRUARY 2024
www.ti.com
24
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: THS4541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com