Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 52 Page - Texas Instruments

Part # THS4521
Description  THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 52 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 48Page - Texas Instruments THS4521 Datasheet HTML 49Page - Texas Instruments THS4521 Datasheet HTML 50Page - Texas Instruments THS4521 Datasheet HTML 51Page - Texas Instruments THS4521 Datasheet HTML 52Page - Texas Instruments THS4521 Datasheet HTML 53Page - Texas Instruments THS4521 Datasheet HTML 54Page - Texas Instruments THS4521 Datasheet HTML 55Page - Texas Instruments THS4521 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 66 page
background image
10 Device and Documentation Support
10.1 Device Support
10.1.1 Development Support
10.1.1.1 TINA Simulation Model Features
The device model is available as part of the TINA model library. The model includes numerous features
intended to speed designer progress over a wide range of application requirements. The following list shows
the performance parameters included in the model:
• For the small-signal response shape with any external circuit:
– Differential open loop gain and phase
– Parasitic input capacitance
– Open-loop differential output impedance
• For noise simulations:
– Input differential spot voltage noise and a 100-kHz 1/f corner
– Input current noise on each input with a 1-MHz 1/f corner
• For time-domain, step-response simulations:
– Differential slew rate
– I/O headroom models to predict clipping
– Fine-scale, DC precision terms:
• PSRR
• CMRR
The typical characterization curves show more detail than the macromodels can provide; some of those
unmodeled features include:
• Harmonic distortion
• Temperature drift in DC error terms (VIO and IOS)
10.2 Documentation Support
10.2.1 Related Documentation
For related documentation, see the following:
• Texas Instruments, ADC34J2x Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
with JESD204B Interface data sheet
• Texas Instruments, Design for a Wideband, Differential Transimpedance DAC Output application report
• Texas Instruments, Extending Rail-to-Rail Output Range for Fully Differential Amplifiers to Include True Zero
Volts reference guide
• Texas Instruments, LM7705 Low-Noise Negative Bias Generator data sheet
• Texas Instruments, LMH6554 2.8-GHz Ultra Linear Fully Differential Amplifier data sheet
• Texas Instruments, THS451RGT EVM user guide
• Texas Instruments, Maximizing the dynamic range of analog front ends having a transimpedance amplifier
technical brief
10.3 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
10.4 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
THS4541
SLOS375B – AUGUST 2014 – REVISED FEBRUARY 2024
www.ti.com
52
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: THS4541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com