Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 36 Page - Texas Instruments

Part # THS4521
Description  THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 36 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 32Page - Texas Instruments THS4521 Datasheet HTML 33Page - Texas Instruments THS4521 Datasheet HTML 34Page - Texas Instruments THS4521 Datasheet HTML 35Page - Texas Instruments THS4521 Datasheet HTML 36Page - Texas Instruments THS4521 Datasheet HTML 37Page - Texas Instruments THS4521 Datasheet HTML 38Page - Texas Instruments THS4521 Datasheet HTML 39Page - Texas Instruments THS4521 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 66 page
background image
8.3.2 Power-Down Control Pin (PD)
The THS4541 includes a power-down control pin, PD. Assert this pin high for correct amplifier operation. Do
not float the PD pin because there is no internal pullup or pulldown resistor on this pin to reduce disabled
power consumption. Assert this pin low (within 0.7 V of the negative supply) to put the THS4541 into a very low
quiescent state (approximately 2 µA). Switches in the default Vocm resistor string open to eliminate the fixed
bias current (25 µA) across the supply in this 200-kΩ voltage divider to midsupply.
8.3.2.1 Operating the Power Shutdown Feature
Assert this CMOS input pin to the desired voltage for operation. For applications that require the device to only
be powered on when the supplies are present, tie the PD pin to the positive supply voltage.
When the PD pin is somewhat below the positive supply pin, slightly more quiescent current is drawn; see Figure
6-56. For the minimum-on power, assert this pin to the positive supply.
The disable operation is referenced from the negative supply; normally, ground. For split-supply operation, with
the negative supply below ground, a disable control voltage below ground is required to turn the THS4541 off
when the negative supply exceeds –0.7 V.
For single-supply operation, a minimum of 1.7 V greater than the negative supply (ground, in this case) is
required to maintain operation. This minimum logic-high level allows for direct operation from 1.8-V supply logic.
8.3.3 Input Overdrive Operation
The THS4541 input stage architecture is intrinsically robust to input overdrives with the series input resistor
required by all applications. High input overdrives cause the outputs to limit into the maximum swings with the
remaining input current through the Rg resistors absorbed by internal, back-to-back protection diodes across the
two inputs. These diodes are normally off in application, and only turn on to absorb the currents that a large input
overdrive produces through the source impedance and or the series Rg elements required by all designs. Figure
6-12 and Figure 6-30 illustrate the exceptional output limiting and short recovery time for an input overdrive that
is attempting to drive the outputs to two times the available swing.
The internal input diodes can safely absorb up to ±15 mA in an overdrive condition. For designs that require
more current to be absorbed, consider adding an external protection diode such as the BAV99 device used in
the example ADC interface design of Figure 9-4.
8.4 Device Functional Modes
This wideband FDA requires external resistors for correct signal-path operation. When configured for the desired
input impedance and gain setting with these external resistors, the amplifier can be either on with the PD pin
asserted to a voltage greater than (Vs–) + 1.7 V, or turned off by asserting PD low. Disabling the amplifier shuts
off the quiescent current and stops correct amplifier operation. The signal path is still present for the source
signal through the external resistors.
The Vocm control pin sets the output average voltage. If left open, Vocm defaults to an internal midsupply value.
Driving this high-impedance input with a voltage reference within the valid range sets a target for the internal
Vcm error amplifier.
8.4.1 Operation from Single-Ended Sources to Differential Outputs
One of the most useful features supported by the FDA device is an easy conversion from a single-ended input
to a differential output centered on a user-controlled, common-mode level. While the output side is relatively
straightforward, the device input pins move in a common-mode sense with the input signal. This common-mode
voltage at the input pins moving with the input signal acts to increase the apparent input impedance to be
greater than the Rg value. This input active impedance issue applies to both ac- and dc-coupled designs, and
requires somewhat more complex solutions for the resistors to account for this active impedance, as shown in
the following subsections.
THS4541
SLOS375B – AUGUST 2014 – REVISED FEBRUARY 2024
www.ti.com
36
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: THS4541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com