Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 46 Page - Texas Instruments

Part # THS4521
Description  THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 46 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 42Page - Texas Instruments THS4521 Datasheet HTML 43Page - Texas Instruments THS4521 Datasheet HTML 44Page - Texas Instruments THS4521 Datasheet HTML 45Page - Texas Instruments THS4521 Datasheet HTML 46Page - Texas Instruments THS4521 Datasheet HTML 47Page - Texas Instruments THS4521 Datasheet HTML 48Page - Texas Instruments THS4521 Datasheet HTML 49Page - Texas Instruments THS4521 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 66 page
background image
9.2.1.2 Detailed Design Procedure
Operating the THS4541 at a low dc noise gain, or with higher feedback resistors, can cause a lower phase
margin to exist, giving the response peaking shown in Figure 6-1 for the gain of 0.1 (a 1/10 attenuator) condition.
Although often useful operating the THS4541 as an attenuator (taking a large input range to a purely differential
signal around a controlled-output, common-mode voltage), the response peaking illustrated in Figure 6-1 is
usually undesirable. Several methods can be used to reduce or eliminate this peaking; usually, at the cost of
higher output noise. Using DC techniques always increases the output noise broadband, while using an ac
noise-gain-shaping technique peaks the noise, but only at higher frequencies that can then be filtered off with the
typical passive filters often used after this stage. Figure 9-1 shows a simplified schematic for the gain of 0.1 V/V
test from Figure 7-1.
This configuration shows a nominal 18° phase margin (from Table 7-2); therefore, a very highly-peaked response
is illustrated in Figure 6-1. This peaking can be eliminated by placing two feedback capacitors across the Rf
elements and a differential input capacitor. Adding these capacitors provides a transition from a resistively set
noise gain (NG1 here; 1.1 in Table 7-2) to a capacitive divider at high-frequency flattening out to a higher noise
gain (NG2 here). The key for this approach is to target a Zo, where the noise gain begins to peak up. Using only
the following terms, and targeting a closed-loop flat (Butterworth) response, gives this solution sequence for Zo
and then the capacitor values.
1. Gain bandwidth product in Hz (850 MHz for the THS4541)
2. Low frequency noise gain, NG1 ( = 1.1 in the attenuator gain of 0.1 V/V design)
3. Target high-frequency noise gain selected to be higher than NG1 (NG2 = 3.1 V/V is selected for this design)
4. Feedback resistor value, Rf (assumed balanced for this differential design = 402 Ω for this design example)
From these elements, for any decompensated voltage-feedback op amp or FDA, solve for Zo (in Hz) using
Equation 15:
2
GBP
NG1
NG1
Zo
1
1
2
NG2
NG2
NG1
§
·
¨
¸
¨
¸
©
¹
(15)
From this target zero frequency in the noise gain, solve for the feedback capacitors using Equation 16:
‡
‡
‡
1
Cf
2
Rf
Zo
NG2
S
(16)
The next step is to resolve the input capacitance on the summing junction. Equation 17 is for a single-ended
op amp (for example, OPA847) where that capacitor goes to ground. To use Equation 17 for a voltage-feedback
FDA, cut the target value in half, and place the result across the two inputs (reducing the external value by the
specified internal differential capacitance).
Cs
NG2
1 Cf
(17)
Setting the external compensation elements using Equation 15 to Equation 17 allows an estimate of the resulting
flat bandwidth f–3dB frequency, as shown in Equation 18:
‡
3dB
f
GBP
Zo
|
(18)
Running through these steps for the THS4541 in the attenuator circuit of Figure 9-1 gives the proposed
compensation of Figure 9-2 where Equation 18 estimates a bandwidth of 252 MHz (Zo target is 74.7 MHz).
THS4541
SLOS375B – AUGUST 2014 – REVISED FEBRUARY 2024
www.ti.com
46
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: THS4541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com