Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 35 Page - Texas Instruments

Part # THS4521
Description  THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 35 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 31Page - Texas Instruments THS4521 Datasheet HTML 32Page - Texas Instruments THS4521 Datasheet HTML 33Page - Texas Instruments THS4521 Datasheet HTML 34Page - Texas Instruments THS4521 Datasheet HTML 35Page - Texas Instruments THS4521 Datasheet HTML 36Page - Texas Instruments THS4521 Datasheet HTML 37Page - Texas Instruments THS4521 Datasheet HTML 38Page - Texas Instruments THS4521 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 66 page
background image
8.2 Functional Block Diagram
Vs+
IN±
+
±
High-Aol
Differential I/O
Amplifier
IN+
FB+
100 k
2.5 k
2.5 k
OUT+
OUT±
+
±
FB±
+
±
Vcm
Error
Amplifier
Vocm
Vs+
100 k
PD
CMOS
Buffer
Vs±
(RGT Package)
(RGT Package)
8.3 Feature Description
8.3.1 Differential I/O
The THS4541 combines a core differential I/O, high-gain block with an output common-mode sense that is
compared to a reference voltage and then fed back into the main amplifier block to control the average output
to that reference. The differential I/O block is a classic, high open-loop gain stage with a dominant pole at
approximately 900 Hz. This voltage feedback structure projects a single-pole, unity-gain Aol at 850 MHz (gain
bandwidth product). The high-speed differential outputs include an internal averaging resistor network to sense
the output common-mode voltage. This voltage is compared by a separate Vcm error amplifier to the voltage
on the Vocm pin. If floated, this reference is at half the total supply voltage across the device using two
100-kΩ resistors. This Vcm error amplifier transmits a correction signal into the main amplifier to force the
output average voltage to meet the target voltage on the Vocm pin. The bandwidth of this error amplifier is
approximately the same bandwidth as the main differential I/O amplifier.
The differential outputs are collector outputs to obtain the rail-to-rail output swing. These outputs are relatively
high-impedance, open-loop sources; however, closing the loop provides a very low output impedance for load
driving. No output current limit or thermal shutdown features are provided in this lower-power device. The
differential inputs are PNP inputs to provide a negative-rail input range.
To operate the THS4541 for the RGT package, connect external resistors from the FB– pin to the IN+ pins, and
the FB+ pin to the IN– pins. For the RUN package, connect the OUT– pin to the IN+ pin through an Rf, and the
OUT+ pin to the IN– pin through the same value of Rf. Bring in the inputs through additional resistors to the IN+
and IN– pins. The differential I/O op amp operates similarly to an inverting op amp structure where the source
must drive the input resistor and the gain is the ratio of the feedback to the input resistor.
www.ti.com
THS4541
SLOS375B – AUGUST 2014 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: THS4541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com