Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 37 Page - Texas Instruments

Part # THS4521
Description  THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 37 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 33Page - Texas Instruments THS4521 Datasheet HTML 34Page - Texas Instruments THS4521 Datasheet HTML 35Page - Texas Instruments THS4521 Datasheet HTML 36Page - Texas Instruments THS4521 Datasheet HTML 37Page - Texas Instruments THS4521 Datasheet HTML 38Page - Texas Instruments THS4521 Datasheet HTML 39Page - Texas Instruments THS4521 Datasheet HTML 40Page - Texas Instruments THS4521 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 66 page
background image
8.4.1.1 AC-Coupled Signal Path Considerations for Single-Ended Input to Differential Output Conversion
When the signal path can be ac coupled, the dc biasing for the THS4541 becomes a relatively simple task. In
all designs, start by defining the output common-mode voltage. The ac-coupling issue can be separated for the
input and output sides of an FDA design. The input can be ac coupled and the output dc coupled, or the output
can be ac coupled and the input dc coupled, or both can be ac coupled. One situation where the output can
be dc coupled (for an ac-coupled input), is when driving directly into an ADC where the Vocm control voltage
uses the ADC common-mode reference to directly bias the FDA output common-mode to the required ADC input
common-mode. In any case, the design starts by setting the desired Vocm. When an ac-coupled path follows
the output pins, the best linearity is achieved by operating Vocm at midsupply. The Vocm voltage must be within
the linear range for the common-mode loop, as specified in the headroom specifications (approximately 0.91 V
greater than the negative supply and 1.1 V less than the positive supply). If the output path is also ac coupled,
simply letting the Vocm control pin float is usually preferred to get a midsupply default Vocm bias with minimal
elements. To limit noise, place a 0.1-µF decoupling capacitor on the Vocm pin to ground.
After Vocm is defined, check the target output voltage swing to confirm that the Vocm plus the positive or
negative output swing on each side does not clip into the supplies. If the desired output differential swing is
defined as Vopp, divide by 4 to obtain the ±Vp swing around Vocm at each of the two output pins (each pin
operates 180° out of phase with the other). Check that Vocm ±Vp does not exceed the absolute supply rails for
this rail-to-rail output (RRO) device.
Going to the device input pins side, because both the source and balancing resistor on the nonsignal input side
are DC blocked (see Figure 7-1), no common-mode current flows from the output common-mode voltage, thus
setting the input common-mode equal to the output common-mode voltage.
This input headroom also sets a limit for higher Vocm voltages. Because the input Vicm is the output Vocm for
AC-coupled sources, the 1.2-V minimum headroom for the input pins to the positive supply overrides the 1.1-V
headroom limit for the output Vocm. Also, the input signal moves this input Vicm around the DC bias point, as
described in the Section 8.4.1.3 section.
8.4.1.2 DC-Coupled Input Signal Path Considerations for Single-Ended to Differential Conversion
The output considerations remain the same as for the ac-coupled design. Again, the input can be dc coupled
while the output is ac coupled. A dc-coupled input with an ac-coupled output can have some advantages to
move the input Vicm down if the source is ground referenced. When the source is dc coupled into the THS4541
(see Figure 7-3), both sides of the input circuit must be dc coupled to retain differential balance. Normally, the
nonsignal input side has an Rg element biased to whatever the source midrange is expected to be. Providing
this midscale reference gives a balanced differential swing around Vocm at the outputs. Often, Rg2 is simply
grounded for dc-coupled, bipolar-input applications. This configuration gives a balanced differential output if the
source is swinging around ground. If the source swings from ground to some positive voltage, grounding Rg2
gives a unipolar output differential swing from both outputs at Vocm (when the input is at ground) to one polarity
of swing. Biasing Rg2 to an expected midpoint for the input signal creates a differential output swing around
Vocm.
One significant consideration for a dc-coupled input is that Vocm sets up a common-mode bias current from the
output back through Rf and Rg to the source on both sides of the feedback. Without input balancing networks,
the source must sink or source this DC current. After the input signal range and biasing on the other Rg element
is set, check that the voltage divider from Vocm to Vin through Rf and Rg (and possibly Rs) establishes an input
Vicm at the device input pins that is in range. If the average source is at ground, the negative rail input stage
for the THS4541 is in range for applications using a single positive supply and a positive output Vocm setting
because this dc current lifts the average FDA input summing junctions up off of ground to a positive voltage (the
average of the V+ and V– input pin voltages on the FDA).
www.ti.com
THS4541
SLOS375B – AUGUST 2014 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
37
Product Folder Links: THS4541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com