Electronic Components Datasheet Search
  English  ▼

X  

ESP32-P4 Datasheet(PDF) 2 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-P4
Description  MCU with one RISC-V 32-bit dual-core high-performance microprocessor and one single-core low-power microprocessor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-P4 Datasheet(HTML) 2 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

  ESP32-P4 Datasheet HTML 1Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 2Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 3Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 4Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 5Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 6Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 7Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 8Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 9Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 93 page
background image
Product Overview
ESP32-P4 is a high-performance MCU that supports large internal memory and has powerful image and voice processing capabilities. The MCU consists of a High
Performance (HP) system and a Low Power (LP) system. The HP system contains a RISC-V dual-core CPU and rich peripherals, while the LP system contains a
low-power RISC-V single-core CPU and various peripherals optimized for low-power applications.
The functional block diagram of the SoC is shown below. For more information on power consumption, see Section 4.1.4.6 Low-Power Management.
HP Core System
Security
JTAG
HP Peripherals
ESP32-P4 — Espressif’s High Performance MCU
MCPWM
GPIO
UART
TWAI®
GP Timers
I2S with PDM
I2C
Pulse Counter
LED PWM
SPI
RMT
DIG ADC
Controller
System Timer
Modules having power in specific power modes:
Optional in Deep-sleep
Active, Light-sleep
GDMA
SOC ETM
Bit Scrambler
Brownout
All modes
L2ROM
JPEG Codec
ISP
PPA
2D-DMA
DW-GDMA
H264 Encoder
I3C Master &
Slave
MIPI CSI
MIPI DSI
LCD Interface
Camera
Interface
Parallel IO
Debug Probe
Power Management Unit
BAT Power Supply
Low Power System
WDT
Option 0 in Light-sleep
LP Peripherals
LP
Mailbox
eFuse
Controller
⚙
LP GPIO ⚙
Touch Sensor
⚙
GP & WDT & LP Timers & Super WDT ⚙
Option 1 in Light-sleep
RISC-V 32-bit
Dual-core Microprocessor
400 MHz
⚙
⚙
⚙
⚙
⚙
⚙
⚙
⚙
⚙
⚙
⚙
⚙
⚙
⚙
⚙
⚙
⚙
⚙
⚙
⚙
⚙
⚙
⚙
⚙
⚙
⚙
⚙
⚙
⚙
⚙
⚙
⚙
⚙
⚙
⚙
HPSPM
L2MEM
SD/MMC
Host
⚙
USB Serial
JTAG
USB 2.0 OTG
High-speed
⚙
USB 2.0 OTG
Full-speed
⚙
Ethernet
⚙
LP Core System
LPSPM
LPROM
⚙
RISC-V 32-bit
Single-core
Microprocessor
40 MHz
⚙
JTAG
⚙
SHA
⚙
HMAC
⚙
TEE
⚙
Digital Signature
⚙
XTS_AES
⚙
RSA_DS
⚙
TRNG
⚙
APM
⚙
ECC
⚙
ECDSA_DS
⚙
AES
⚙
Secure Boot
⚙
4096-bit OTP
⚙
PMP and PMA
⚙
-7.5
像素
2-level
Cache
⚙
⚙
⚙
⚙
LP UART ⚙
Temperature Sensor ⚙
⚙
LP DIG ADC Controller ⚙
LP SPI ⚙
LP I2S ⚙
LP I2C ⚙
HUK and Key Manager
⚙
ESP32-P4 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com