Electronic Components Datasheet Search
  English  ▼

X  

ESP32-P4 Datasheet(PDF) 79 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-P4
Description  MCU with one RISC-V 32-bit dual-core high-performance microprocessor and one single-core low-power microprocessor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-P4 Datasheet(HTML) 79 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-P4 Datasheet HTML 75Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 76Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 77Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 78Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 79Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 80Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 81Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 82Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 83Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 93 page
background image
4 Functional Description
4.2.3 Analog Signal Processing
This subsection describes components on the chip that sense and process real-world data.
4.2.3.1 Touch Sensor
ESP32-P4 has 14 capacitive-sensing GPIOs, which detect variations induced by touching or approaching the
GPIOs with a finger or other objects. The low-noise nature of the design and the high sensitivity of the circuit
allow relatively small pads to be used. Arrays of pads can also be used, so that a larger area or more points
can be detected. The touch sensing performance can be further enhanced by the waterproof design,
detection of frequency hopping, and digital filtering feature.
Feature List
• Detection of 14 capacitive touch pins
• Sampling triggered by software or dedicated hardware timer
• Two sampling methods:
– Pulses from the touch pins used as clock signals to count the sampling period
– Pulses from the touch pins used as digital signals; sample the rising edge of the digital signal with
the system clock to count the sampling period
• Scan mode, supporting sequential sampling of multiple touch pins by configuring the Touch FSM.
• Timeout mechanism to monitor channel abnormality
• Frequency hopping to increase the anti-interference of detection
• Proximity sensing mode with up to three configurable channels
• Configuration of individual touch sensors to operate normally in sleep mode
• Wake-up by touch sensor
• Moisture resistance
• Waterproof design
Pin Assignment
The pins of the touch sensor are multiplexed with GPIO2–GPIO15, LP_GPIO2–LP_GPIO15, LP_UART interface,
and one four-line interface of SPI2. When the pins are configured for the analog function, the multiplexed
digital functions are disabled.
4.2.3.2
Temperature Sensor (TSENS)
ESP32-P4 provides a temperature sensor for real-time monitoring of temperature changes within the chip. The
sensor converts analog voltage to digital values and provides compensation for temperature offsets.
Feature List
• Software-triggered temperature measurement, which once triggered, the sensor continuously measures
temperature. Software can read the data at any time.
Espressif Systems
79
Submit Documentation Feedback
ESP32-P4 Series Datasheet v0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com