| Electronic Components Datasheet Search |
|
ESP32-P4 Datasheet(PDF) 73 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. |
|
|
|||||||||||||||||||||||||||||
ESP32-P4 Datasheet(HTML) 73 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. |
|
73 / 93 page ![]() 4 Functional Description – Carrier Sense Multiple Access or Collision Detection (CSMA/CD) protocol in half-duplex mode – IEEE 802.3x flow control in full-duplex mode – Optional forwarding of received pause control frame to the user application in full-duplex mode – Back-pressure flow control in half-duplex mode – Automatic transmission of zero-quanta pause frame on deassertion of flow control input in full-duplex mode • Preamble and start-of-frame data (SFD) insertion in Transmit, and deletion in Receive paths • Automatic CRC and padding (all 0) generation controllable on a per-frame basis • Options for automatic padding generation for data below the minimum frame length • Programmable frame length supporting jumbo frames of up to 16 KB • Programmable inter-frame gap (IFG) from 40 to 96 bit times in steps of 8 • Flexible address filtering modes: – Up to eight 48-bit perfect address filters with per-byte masking – Up to eight 48-bit source address (SA) comparisons with per-byte masking – Option to pass all multicast addressed frames – Promiscuous mode to pass all frames without filtering for network monitoring – Passes all incoming packets (as per filter) with a status report • Separate 32-bit status returned for transmission and reception packets • IEEE 802.1Q VLAN tag detection for reception frames • Separate transmission, reception, and control interfaces for the application • Management Data Input/Output (MDIO) interface for PHY device configuration and management • Checksum offload for received IPv4 and TCP packets encapsulated by the Ethernet frame • Checking IPv4 header checksum and TCP, UDP, or ICMP checksum encapsulated in IPv4 or IPv6 datagrams • 64-bit timestamp for each transmitted and received frame (see IEEE 1588-2008) • Energy Efficient Ethernet support (see IEEE 802.3az-2010) • CRC replacement, SA insertion/replacement, and VLAN insertion/replacement/deletion in transmit frames • Two FIFOs: 256-byte TX FIFO and 256-byte RX FIFO • Receive status vectors inserted into RX FIFO after the EOF (end of frame) transfer, allowing multiple-frame storage without requiring an additional FIFO for status • Option to forward good runt frames • Statistics generation with pulse signaling for dropped or corrupted frames due to RX FIFO overflow • Automatic re-transmission of collision frames Espressif Systems 73 Submit Documentation Feedback ESP32-P4 Series Datasheet v0.5 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |