Electronic Components Datasheet Search
  English  ▼

X  

ESP32-P4 Datasheet(PDF) 85 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-P4
Description  MCU with one RISC-V 32-bit dual-core high-performance microprocessor and one single-core low-power microprocessor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-P4 Datasheet(HTML) 85 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-P4 Datasheet HTML 81Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 82Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 83Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 84Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 85Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 86Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 87Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 88Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 89Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 93 page
background image
5 Electrical Characteristics
Table 5-7 – cont’d from previous page
Work mode
Frequency
(MHz)
Description
Typ1
(mA)
Typ2
(mA)
Single core running CoreMark instructions, the
other core in idle state
66
110
Dual core running 32-bit data access instructions
97
150
200
WAITI (Dual core in idle state)
21
54
Dual-core while(1) loop operation
44
87
Single core running CoreMark instructions, the
other core in idle state
43
86
Dual core running 32-bit data access instructions
58
100
100
WAITI (Dual core in idle state)
17
40
Dual-core while(1) loop operation
29
56
Single core running CoreMark instructions, the
other core in idle state
29
55
Dual core running 32-bit data access instructions
36
63
40
WAITI (Dual core in idle state)
15
30
Dual-core while(1) loop operation
19
37
Single core running CoreMark instructions, the
other core in idle state
19
37
Dual core running 32-bit data access instructions
22
39
1 Current consumption when all peripheral clocks are disabled.
2 Current consumption when all peripheral clocks are enabled. In practice, the current consumption
might be different depending on which peripherals are enabled.
3 In Active mode, the current consumption might be higher when accessing flash/PSRAM.
Table 5-8. Current Consumption in Low-Power Modes
Mode
Description
Typ
(mA)1
Light-sleep2
All GPIOs are high-impedance, and all power supplies are enabled 0.8
All GPIOs are high-impedance, most of peripherals are disabled,
and chip is connected through USB
0.085
All peripherals are disabled, and data is stored in HP memory
0.075
Deep-sleep
LP timer and LP memory are powered on
0.012
Power off
CHIP_PU is set to low level, the chip is powered off
0.001
1 The power consumption data was measured with USB 2.0 not working.
2 The current in Light-sleep mode refers to the current measured when the PSRAM is not
powered. In Light-sleep mode, if the PSRAM is powered on, the chip’s internal current
increases by about 0.1 mA, in addition to the current required for the PSRAM’s operating
mode.
5.7
Memory Specifications
The data below is sourced from the memory vendor datasheet. These values are guaranteed through design
and/or characterization but are not fully tested in production. Devices are shipped with the memory
Espressif Systems
85
Submit Documentation Feedback
ESP32-P4 Series Datasheet v0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com