Electronic Components Datasheet Search
  English  ▼

X  

ESP32-P4 Datasheet(PDF) 17 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-P4
Description  MCU with one RISC-V 32-bit dual-core high-performance microprocessor and one single-core low-power microprocessor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-P4 Datasheet(HTML) 17 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-P4 Datasheet HTML 13Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 14Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 15Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 16Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 17Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 18Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 19Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 20Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 21Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 93 page
background image
2 Pins
Control.
2. In column Pin Providing Power, regarding pins powered by VDD_LP / VDD_BAT:
• Pin Providing Power (either VDD_LP or VDD_BAT) can be configured via a register .
3. Default drive strength for IO pins is 20 mA except for GPIO24 and GPIO25 which have default drive strength of 40 mA.
4. Column Pin Settings shows predefined settings at reset and after reset with the following abbreviations:
• IE – input enabled
• WPU – internal weak pull-up resistor enabled
• USB_PU – USB pull-up resistor enabled
– By default, the USB function is enabled for USB pins (i.e., GPIO24/26 and GPIO25/27), and the pin pull-up is decided
by the USB pull-up. The USB pull-up is controlled by USB_SERIAL_JTAG_DP/DM_PULLUP and the pull-up resistor
value is controlled by USB_SERIAL_JTAG_PULLUP_VALUE.
– When the USB function is disabled, USB pins are used as regular GPIOs and the pin’s internal weak pull-up and
pull-down resistors are disabled by default (configurable by IO_MUX_GPIOx_FUN_WPU/WPD).
5. Depends on the value of EFUSE_DIS_PAD_JTAG
• 0 (default), input enabled, pull-up resistor enabled (IE = 1, WPU = 1)
• 1, input disabled, in high impedance state (IE = 0)
Espressif Systems
17
Submit Documentation Feedback
ESP32-P4 Series Datasheet v0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com