Electronic Components Datasheet Search
  English  ▼

X  

ESP32-P4 Datasheet(PDF) 13 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-P4
Description  MCU with one RISC-V 32-bit dual-core high-performance microprocessor and one single-core low-power microprocessor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-P4 Datasheet(HTML) 13 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-P4 Datasheet HTML 9Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 10Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 11Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 12Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 13Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 14Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 15Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 16Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 17Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 93 page
background image
2 Pins
2 Pins
2.1 Pin Layout
ESP32-P4
GPIO1
GPIO2
GPIO3
GPIO11
GPIO10
GPIO9
VDD_LP
GPIO8
GPIO7
GPIO6
GPIO5
GPIO4
GPIO12
VDD_HP0
GPIO23
GPIO22
GPIO21
GPIO20
VDD_IO_0
GPIO19
GPIO18
GPIO17
GPIO16
GPIO15
GPIO14
GPIO13
GPIO35
VDD_PSRAM_1
GPIO36
GPIO37
GPIO38
VDDO_FLASH
VDDO_PSRAM
VDDO_3
VDDO_4
VDD_LDO
VDD_HP_2
VDD_DCDCC
FB_DCDC
105 GND
GPIO34
GPIO33
GPIO32
VDD_HP_1
GPIO26
GPIO27
GPIO28
GPIO29
VDD_PSRAM_0
GPIO30
GPIO31
VDD_IO_4
GPIO25
1
2
3
12
11
10
9
8
7
6
5
4
13
26
25
24
23
22
21
20
19
18
17
16
15
14
66
67
68
69
70
71
72
73
74
75
76
77
78
65
64
63
54
55
56
57
58
59
60
61
62
53
Figure 2-1. ESP32-P4 Pin Layout (Top View)
Espressif Systems
13
Submit Documentation Feedback
ESP32-P4 Series Datasheet v0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com