Electronic Components Datasheet Search
  English  ▼

X  

ESP32-P4 Datasheet(PDF) 46 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-P4
Description  MCU with one RISC-V 32-bit dual-core high-performance microprocessor and one single-core low-power microprocessor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-P4 Datasheet(HTML) 46 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-P4 Datasheet HTML 42Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 43Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 44Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 45Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 46Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 47Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 48Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 49Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 50Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 93 page
background image
4 Functional Description
Feature List
HP GPIO matrix has the following features:
• A full-switching matrix between HP peripheral input/output signals and the GPIO pins
• 222 HP peripheral input signals sourced from the input of any GPIO pins
• 232 HP peripheral output signals routed to the output of any GPIO pins
• Signal synchronization for HP peripheral inputs based on HP IO MUX operating clock
• GPIO Filter hardware for input signal filtering
• Glitch Filter hardware for second-time filtering on input signal
• Sigma delta modulated (SDM) output
• GPIO simple input and output
• HP GPIO Wakeup
HP IO MUX has the following features:
• Control of 55 GPIOs (GPIO0–GPIO54) for HP peripherals.
• A configuration register provided for each GPIO pin, to control the pin’s input/output, pull-up/pull-down,
drive strength, and function selection.
• Better high-frequency digital performance achieved by routing some digital signals (SPI, EMAC) directly
from HP IO MUX to peripherals.
LP GPIO matrix has the following features:
• A full-switching matrix between the LP peripheral input/output signals and the LP GPIO pins
• 14 LP peripheral input signals sourced from the input of any LP GPIO pins
• 14 LP peripheral output signals routed to the output of any LP GPIO pins
• GPIO Filter hardware for input signal filtering
• GPIO simple input and output
• LP GPIO Wakeup
LP IO MUX has the following feature:
• Control of 16 LP GPIO pins (GPIO0–GPIO15) for LP peripherals.
• A configuration register provided for each LP GPIO pin, to control the pin’s input/output,
pull-up/pull-down, drive strength, function selection, and IO MUX selection.
4.1.4.2
Reset
ESP32-P4 provides four types of reset that occur at different levels, namely CPU Reset, Core Reset, System
Reset, and Chip Reset. All reset types mentioned above (except Chip Reset) preserve the data stored in
internal memory.
• Four reset types:
– CPU Reset: resets CPU core. HP CPU0, HP CPU1, and LP CPU can be reset independently:
Espressif Systems
46
Submit Documentation Feedback
ESP32-P4 Series Datasheet v0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com