Electronic Components Datasheet Search
  English  ▼

X  

ESP32-P4 Datasheet(PDF) 35 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-P4
Description  MCU with one RISC-V 32-bit dual-core high-performance microprocessor and one single-core low-power microprocessor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-P4 Datasheet(HTML) 35 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-P4 Datasheet HTML 31Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 32Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 33Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 34Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 35Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 36Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 37Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 38Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 39Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 93 page
background image
3 Boot Configurations
Table 3-2. Description of Timing Parameters for the Strapping Pins
Parameter
Description
Min (ms)
tSU
Setup time is the time reserved for the power rails to stabilize be-
fore the CHIP_PU pin is pulled high to activate the chip.
0
tH
Hold time is the time reserved for the chip to read the strapping
pin values after CHIP_PU is already high and before these pins
start operating as regular IO pins.
3
Strapping pin
VIH_nRST
VIH
tSU
tH
CHIP_PU
Figure 3-1. Visualization of Timing Parameters for the Strapping Pins
3.1
Chip Boot Mode Control
GPIO35–GPIO38 control the boot mode after the reset is released. See Table 3-3 Chip Boot Mode
Control.
Table 3-3. Boot Mode Control
Boot Mode
GPIO35
GPIO36
GPIO373
GPIO383
SPI Boot
1
Any value
Any value
Any value
Joint Download Boot2
0
1
Any value
Any value
1 Bold marks the default value and configuration.
2 Joint Download Boot mode supports the following download methods:
• USB Download Boot:
– USB-Serial-JTAG Download Boot
– USB 2.0 OTG Download Boot (only the USB OTG HS controller can
be used for flashing at FS speed; the USB OTG FS controller does
not support device firmware upgrade)
• UART Download Boot
• SPI Slave Download Boot
3 For details about the functionalities of GPIO37 and GPIO38, see
ESP32-P4 Technical Reference Manual > Chapter Chip Boot Control.
In SPI Boot mode, the ROM bootloader loads and executes the program from SPI flash to boot the
Espressif Systems
35
Submit Documentation Feedback
ESP32-P4 Series Datasheet v0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com