Electronic Components Datasheet Search
  English  ▼

X  

ESP32-P4 Datasheet(PDF) 6 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-P4
Description  MCU with one RISC-V 32-bit dual-core high-performance microprocessor and one single-core low-power microprocessor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-P4 Datasheet(HTML) 6 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-P4 Datasheet HTML 2Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 3Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 4Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 5Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 6Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 7Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 8Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 9Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 10Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 93 page
background image
Contents
Contents
Product Overview
2
Features
3
Applications
5
1
ESP32-P4 Series Comparison
11
1.1
Nomenclature
11
1.2
Comparison
11
1.3
Chip Revision
11
2
Pins
13
2.1
Pin Layout
13
2.2
Pin Overview
14
2.3
IO Pins
18
2.3.1
IO MUX Functions
18
2.3.2
LP IO MUX Functions
23
2.3.3
Analog Functions
24
2.3.4
Restrictions for GPIOs and LP GPIOs
26
2.4
Dedicated Interface Pins
27
2.5
Analog Pins
29
2.6
Power Supply
30
2.6.1
Power Pins
30
2.6.2
Power Scheme
30
2.6.3
Chip Power-up and Reset
31
2.7
Pin Mapping Between Chip and Flash
33
3
Boot Configurations
34
3.1
Chip Boot Mode Control
35
3.2
VDDO_FLASH Voltage Control
36
3.3
ROM Messages Printing Control
36
3.4
JTAG Signal Source Control
37
4
Functional Description
38
4.1
System
38
4.1.1
Microprocessor and Master
38
4.1.1.1
High-Performance CPU
38
4.1.1.2
RISC-V Trace Encoder (TRACE)
38
4.1.1.3
Processor Instruction Extensions
39
4.1.1.4
Low-Power CPU
40
4.1.2
System DMA
40
4.1.2.1
GDMA Controller (GDMA-AHB, GDMA-AXI)
40
4.1.2.2
VDMA Controller (VDMA)
41
4.1.2.3
2D-DMA Controller (2D-DMA)
42
4.1.3
Memory Organization
42
Espressif Systems
6
Submit Documentation Feedback
ESP32-P4 Series Datasheet v0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com