Electronic Components Datasheet Search
  English  ▼

X  

ESP32-P4 Datasheet(PDF) 44 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-P4
Description  MCU with one RISC-V 32-bit dual-core high-performance microprocessor and one single-core low-power microprocessor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-P4 Datasheet(HTML) 44 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-P4 Datasheet HTML 40Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 41Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 42Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 43Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 44Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 45Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 46Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 47Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 48Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 93 page
background image
4 Functional Description
• In-package PSRAM
– The size of PSRAM is detailed in Section 1 ESP32-P4 Series Comparison
– Maximum clock frequency: 250 MHz
– Supports up to 64 MB storage
– Supports hardware XTS-AES encryption/decryption, protecting programs and data stored in PSRAM
– Through a cache, it can map 64 KB blocks into a 64 MB instruction or data space, supporting 8-bit,
16-bit, 32-bit, and 128-bit read and write operations
The maximum theoretical bandwidth of PSRAM should be calculated using the following formula:
Max theoretical bandwidth (PSRAM) = line_num
× edge_mode × PSRAM_max_freq
Where:
• line_num is the number of PSRAM data lines.
• edge_mode is the PSRAM sampling mode: 1 for single-edge sampling, and 2 for double-edge sampling.
• PSRAM_max_freq is the maximum operating clock frequency of the PSRAM.
For example, based on the PSRAM parameters in the current package, the theoretical maximum bandwidth is:
16 × 2 × 250 MHz = 8 Gbit/s.
External Memory
ESP32-P4 allows connection to memories outside the chip’s package via the SPI, Dual SPI, Quad SPI, and QPI
interfaces. The maximum clock frequency is 120 MHz.
The external flash can be mapped into the CPU instruction memory space and read-only data memory space.
ESP32-P4 supports up to 64 MB of external flash, and hardware encryption/decryption based on XTS-AES to
protect users’ programs and data in flash.
Through high-speed caches, ESP32-P4 can support at a time up to:
• External flash mapped into 64 MB instruction space as individual blocks of 64 KB
• External flash can also be mapped into 64 MB data space as individual blocks of 64 KB, supporting 8-bit,
16-bit, 32-bit, and 128-bit reads.
Note:
After ESP32-P4 is initialized, firmware can customize the mapping of external flash into the CPU address space.
4.1.3.2 eFuse Controller
ESP32-P4 contains a 4096-bit eFuse memory to store parameters and user data. The parameters include
control parameters for some hardware modules, system data parameters and keys used for the
encryption/decryption module. Once an eFuse bit is programmed to 1, it can never be reverted to 0.
Espressif Systems
44
Submit Documentation Feedback
ESP32-P4 Series Datasheet v0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com