Electronic Components Datasheet Search
  English  ▼

X  

ESP32-P4 Datasheet(PDF) 77 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-P4
Description  MCU with one RISC-V 32-bit dual-core high-performance microprocessor and one single-core low-power microprocessor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-P4 Datasheet(HTML) 77 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-P4 Datasheet HTML 73Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 74Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 75Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 76Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 77Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 78Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 79Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 80Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 81Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 93 page
background image
4 Functional Description
– Multiple channels transmitting data simultaneously (programmable)
– GDMA access supported by TX channel 3
• The receiver supports:
– Normal RX mode
– Wrap RX mode
– RX filtering
– Demodulation on RX pulses
– GDMA access supported by RX channel 7
Pin Assignment
The pins for the remote control peripheral can be chosen from any GPIOs via the GPIO Matrix.
4.2.2.18 Parallel IO Controller (PARLIO)
ESP32-P4 contains a Parallel IO controller (PARLIO) capable of transferring data between external devices and
internal memory on a parallel bus through General Direct Memory Access (GDMA).
Feature List
• Various clock sources:
– Including external IO clock PAD_CLK_TX/RX and internal system clock XTAL_CLK, PLL_F160M_CLK,
and RC_FAST_CLK
– Maximum IO clock frequency of 40 MHz
– Integer and fractional clock frequency division
• 1/2/4/8/16-bit configurable data bus width
• Full-duplex communication with 16-bit data bus width
• Bit reversal when data bus width is 1/2/4-bit
• RX unit for receiving IO parallel data, which supports:
– Output clock gating
– RX unit input and output clock inverse
– Various receive modes
– Configurable GDMA SUC EOF generation
– Configurable IO pin of external enable signal
• TX unit for sending IO parallel data, which supports:
– Output clock gating
– TX unit input and output clock inverse
– Configurable TX EOF generation
Espressif Systems
77
Submit Documentation Feedback
ESP32-P4 Series Datasheet v0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com