Electronic Components Datasheet Search
  English  ▼

X  

ESP32-P4 Datasheet(PDF) 72 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-P4
Description  MCU with one RISC-V 32-bit dual-core high-performance microprocessor and one single-core low-power microprocessor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-P4 Datasheet(HTML) 72 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-P4 Datasheet HTML 68Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 69Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 70Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 71Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 72Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 73Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 74Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 75Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 76Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 93 page
background image
4 Functional Description
4.2.2.11
USB Serial/JTAG Controller (USB_SERIAL_JTAG)
ESP32-P4 contains a USB Serial/JTAG Controller. This unit can be used to program the SoC’s flash, read
program output, as well as attach a debugger to the running program.
Feature List
• USB 2.0 full speed compliant, capable of up to 12 Mbit/s transfer speed (Note that this controller does
not support the faster 480 Mbit/s high-speed transfer mode)
• CDC-ACM virtual serial port and JTAG adapter functionality
• Programming the chip’s flash
• CPU debugging with compact JTAG instructions
• A full-speed USB PHY integrated in the chip
• Two integrated full-speed transceivers
• Choosing from two full-speed integrated transceivers GPIO24/GPIO25 and GPIO26/GPIO27
• Supporting USB 2.0 OTG using one of the integrated transceivers while USB Serial/JTAG using the other
one
Pin Assignment
The pins connected to D+ and D- signals for two pairs of USB PHY are multiplexed with GPIO24–GPIO25 and
GPIO26–GPIO27. The USB Serial/JTAG Controller interface can use each of them. By default, the pins are
multiplexed with GPIO24–GPIO25.
4.2.2.12 Ethernet Media Access Controller (EMAC)
By using the external Ethernet PHY (physical layer), ESP32-P4 can send and receive data via Ethernet MAC
(Media Access Controller) according to the IEEE 802.3 standard.
ESP32-P4 Ethernet MAC complies with the following standards:
• IEEE 802.3-2002 for Ethernet MAC
• IEEE 1588-2008 standard for precise networked clock synchronization
• IEEE 802.3 standard Media Independent Interface (MII) and Reduced Media Independent Interface
(RMII)
• IEEE 802.3az-2010 for Energy Efficient Ethernet
• IEEE 802.1Q for VLAN frame format
Feature List
• Data rates of 10/100 Mbit/s through an external PHY interface
• Communication with an external Fast Ethernet PHY through IEEE 802.3-compliant MII or RMII interface
(only one can be used at a time)
• Full-duplex and half-duplex modes
Espressif Systems
72
Submit Documentation Feedback
ESP32-P4 Series Datasheet v0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com