Electronic Components Datasheet Search
  English  ▼

X  

ESP32-P4 Datasheet(PDF) 9 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-P4
Description  MCU with one RISC-V 32-bit dual-core high-performance microprocessor and one single-core low-power microprocessor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-P4 Datasheet(HTML) 9 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-P4 Datasheet HTML 5Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 6Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 7Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 8Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 9Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 10Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 11Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 12Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 13Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 93 page
background image
List of Tables
List of Tables
1-1
ESP32-P4 Series Comparison
11
2-1
Pin Overview
14
2-2 Peripheral Signals Routed via IO MUX
18
2-3 IO MUX Pin Functions
20
2-4 LP Peripheral Signals Routed via LP IO MUX
23
2-5 LP IO MUX Functions
23
2-6 Analog Signals Routed to Analog Functions
24
2-7 Analog Functions
24
2-8 Peripheral-Dedicated Signals
27
2-9 Dedicated Interface Pins
27
2-10 Analog Pins
29
2-11 Power Pins
30
2-12 Voltage Regulators
31
2-13 Description of Timing Parameters for Power-up and Reset
32
2-14 Pin Mapping Between Chip and off-package Flash
33
3-1
Default Configuration of Strapping Pins
34
3-2 Description of Timing Parameters for the Strapping Pins
35
3-3 Boot Mode Control
35
3-4 VDDO_FLASH Voltage Control
36
3-5 UART0 ROM Message Printing Control
36
3-6 USB Serial/JTAG ROM Message Printing Control
37
3-7 JTAG Signal Source Control
37
4-1
UART and LP UART Feautre Comparison
63
5-1
Absolute Maximum Ratings
82
5-2 Recommended Operating Conditions
82
5-3 VDDO_FLASH Internal and Output Characteristics
83
5-4 DC Characteristics (3.3 V, 25 °C)
83
5-5 ADC Characteristics
84
5-6 ADC Calibration Results
84
5-7 Current Consumption in Active Mode
84
5-8 Current Consumption in Low-Power Modes
85
5-9 Flash Specifications
86
5-10 PSRAM Specifications
86
Espressif Systems
9
Submit Documentation Feedback
ESP32-P4 Series Datasheet v0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com