| Electronic Components Datasheet Search |
|
ESP32-P4 Datasheet(PDF) 56 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. |
|
|
|||||||||||||||||||||||||||||
ESP32-P4 Datasheet(HTML) 56 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. |
|
56 / 93 page ![]() 4 Functional Description • Chinese SM2 algorithm (for detailed definitions, see Public Key Cryptographic Algorithm SM2 Based on Elliptic Curves) • Provides high-security features: – Implements dynamic access control under different operating states to prevent key leakage caused by any intermediate data exposure – Signature generation and verification are fixed-time operations, resistant to side-channel attacks 4.1.5.8 External Memory Encryption and Decryption (XTS_AES) The ESP32-P4 integrates an External Memory Encryption and Decryption module that complies with the XTS-AES standard algorithm specified in IEEE Std 1619-2007, providing security for users’ application code and data stored in the external memory (flash and RAM). Users can store proprietary firmware and sensitive data (e.g., credentials for gaining access to a private network) in the external flash, or store general data in the external RAM. Feature List • General XTS-AES algorithm, compliant with IEEE Std 1619-2007 • Software-based manual encryption • High-speed auto encryption without software’s participation • High-speed auto decryption without software’s participation • Encryption and decryption functions jointly enabled/disabled by register configuration, eFuse parameters, and boot mode • Configurable anti–side-channel attack (anti-DPA) capability • Independent keys for flash and PSRAM respectively 4.1.5.9 Random Number Generator (RNG) The ESP32-P4 contains a true random number generator (TRNG), which generates 32-bit random numbers that can be used for cryptographical operations, among other things. The TRNG in ESP32-P4 generates true random numbers, which means random numbers generated from a physical process, rather than by means of an algorithm. No number generated within the specified range is more or less likely to appear than any other number. Features • RNG entropy source – thermal noise from SAR ADC – an asynchronous clock mismatch – BUF_CHAIN Espressif Systems 56 Submit Documentation Feedback ESP32-P4 Series Datasheet v0.5 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |