Electronic Components Datasheet Search
  English  ▼

X  

ESP32-P4 Datasheet(PDF) 45 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-P4
Description  MCU with one RISC-V 32-bit dual-core high-performance microprocessor and one single-core low-power microprocessor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-P4 Datasheet(HTML) 45 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-P4 Datasheet HTML 41Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 42Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 43Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 44Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 45Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 46Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 47Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 48Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 49Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 93 page
background image
4 Functional Description
Feature List
• 4096-bit one-time programmable memory (including up to 1792 bits reserved for custom use)
• Configurable write protection
• Configurable read protection
• Various hardware encoding schemes against data corruption
4.1.3.3 Cache
ESP32-P4 employs the two-level cache structure.
Feature List
• 16 KB of L1 instruction cache, 64 B of block size, four-way set associative
• 64 KB of L1 data cache, 64 B of block size, two-way set associative, supporting two writing strategies
write-through and write-back
• 128 KB/256 KB/512 KB of L2 cache, 64 B/128 B of block size, eight-way set associative
• Cacheable and non-cacheable access
• Pre-load function
• Lock function
• Critical word first and early restart
4.1.4
System Components
This subsection describes the essential components that contribute to the overall functionality and control of
the system.
4.1.4.1 GPIO Matrix and IO MUX
The ESP32-P4 chip features 55 GPIO pins, including 16 low-power (LP) GPIO pins and 39 high-performance
(HP) GPIO pins. Each pin can be used as a general-purpose I/O, or be connected to an internal peripheral
signal.
• Through HP GPIO matrix and HP IO MUX, HP peripheral input signals can be from any GPIO pins, and HP
peripheral output signals can be routed to any GPIO pins.
• Through LP GPIO matrix and LP IO MUX, LP peripheral input signals can be from any LP GPIO pins, and
LP peripheral output signals can be routed to any LP GPIO pins.
Together these modules provide highly configurable I/O. The 55 GPIO pins are numbered from GPIO0 to
GPIO54.
• LP GPIO pins (GPIO0–GPIO15) can be used by either HP or LP peripherals.
• HP GPIO pins (GPIO16–GPIO54) can be used only by HP peripherals.
Espressif Systems
45
Submit Documentation Feedback
ESP32-P4 Series Datasheet v0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com