Electronic Components Datasheet Search
  English  ▼

X  

ESP32-P4 Datasheet(PDF) 91 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-P4
Description  MCU with one RISC-V 32-bit dual-core high-performance microprocessor and one single-core low-power microprocessor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-P4 Datasheet(HTML) 91 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-P4 Datasheet HTML 85Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 86Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 87Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 88Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 89Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 90Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 91Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 92Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 93Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 91 / 93 page
background image
Table 6-1 – Cont’d from previous page
Pin
Pin
Pin
Pin Providing
Pin Settings
HP IO MUX Function
LP IO MUX Function
Analog Function
No.
Name
Type
Power
At Reset
After Reset
F0
Type
F1
Type
F2
Type
F3
Type
F0
Type
F1
Type
F0
F1
97
GPIO53
IO
VDD_IO_6
–
–
GPIO53
I/O/T
GPIO53
I/O/T
–
–
GMAC_PHY_RXD1_PAD
I0
–
–
–
–
ADC2_CHANNEL4
ANA_COMP1
98
GPIO54
IO
VDD_IO_6
–
–
GPIO54
I/O/T
GPIO54
I/O/T
–
–
GMAC_PHY_RXER_PAD
I0
–
–
–
–
ADC2_CHANNEL5
ANA_COMP1
99
XTAL_N
Analog
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
100
XTAL_P
Analog
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
101
VDD_ANA
Power
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
102
VDD_BAT
Power
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
103
CHIP_PU
Analog
VDD_BAT
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
104
GPIO0
IO
VDD_LP/VDD_BAT
–
–
GPIO0
I/O/T
GPIO0
I/O/T
–
–
–
–
LP_GPIO0
I/O/T
LP_GPIO0
I/O/T
XTAL_32K_N
–
105
GND
Power
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
*
For details, see Section 2 Pins. Regarding highlighted cells, see Section 2.3.4 Restrictions for GPIOs and LP GPIOs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com