Electronic Components Datasheet Search
  English  ▼

X  

ESP32-P4 Datasheet(PDF) 74 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-P4
Description  MCU with one RISC-V 32-bit dual-core high-performance microprocessor and one single-core low-power microprocessor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-P4 Datasheet(HTML) 74 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-P4 Datasheet HTML 70Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 71Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 72Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 73Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 74Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 75Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 76Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 77Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 78Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 93 page
background image
4 Functional Description
• Frame discarding in cases of late collisions, excessive collisions, excessive deferrals, or underflow
conditions
• Software control for TX FIFO flushing
Pin Assignment
The Ethernet media access controller includes only one RMII interface. For flexible pin routing, each RMII
signal offers three alternative GPIO mappings:
• RMII Group 1: Signals are multiplexed with GPIO28–GPIO36 and the SPI2 interface via IO MUX.
• RMII Group 2: Signals are multiplexed with GPIO40–GPIO48 via IO MUX.
• RMII Group 3: Provides partial signal routing (excluding transmit signals except for RMII_TXEN) and is
multiplexed with GPIO49–GPIO54 via IO MUX.
Each RMII signal can be assigned independently to any of these three groups to form a complete RMII
interface.
The MII interface, MDIO interface, and other peripheral signals can be routed to any GPIO via the GPIO Matrix
for additional flexibility.
4.2.2.13 Two-Wire Automotive Interface (TWAI)
ESP32-P4 contains three TWAI controllers. Each controller can individually be connected to a TWAI bus via an
external transceiver.
Feature List
• Compatibility with ISO 11898-1 protocol (CAN Specification 2.0)
• Standard Frame Format (11-bit ID) and Extended Frame Format (29-bit ID)
• Bit rates from 1 Kbit/s to 1 Mbit/s
• Multiple modes of operation:
– Normal
– Listen-only (no influence on bus)
– Self-test (no acknowledgment required during data transmission)
• 64-byte Receive FIFO
• Special transmissions:
– Single-shot transmissions (does not automatically re-transmit upon error)
– Self-reception (the TWAI controller transmits and receives messages simultaneously)
• Acceptance Filter (supports Single and Dual-filter modes)
• Error detection and handling:
– Error counters
– Configurable error warning limit
Espressif Systems
74
Submit Documentation Feedback
ESP32-P4 Series Datasheet v0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com