Electronic Components Datasheet Search
  English  ▼

X  

ESP32-P4 Datasheet(PDF) 80 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-P4
Description  MCU with one RISC-V 32-bit dual-core high-performance microprocessor and one single-core low-power microprocessor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-P4 Datasheet(HTML) 80 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-P4 Datasheet HTML 76Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 77Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 78Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 79Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 80Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 81Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 82Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 83Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 84Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 93 page
background image
4 Functional Description
• Hardware-triggered automatic temperature monitoring, supporting two wake-up modes
• Configurable temperature offset based on the application scenario for improved accuracy
• Configurable temperature measurement range
• Support for Event Task Matrix (ETM)-related events and tasks
Pin Assignment
The temperature sensor does not directly interact with IOs, so it has no pins assigned.
4.2.3.3 ADC Controller (ADC)
ESP32-P4 integrates two 12-bit successive approximation ADCs (SAR ADCs) for measuring analog signals from
up to 14 pins.
Feature List
• HP ADC and LP ADC controllers can control the SAR ADC via software
• 12-bit resolution
• Analog input sampling from up to 14 pins
• HP ADC controllers:
– Multi-channel sampling control module with configurable channel sampling sequence
– Mode control module supporting dual HP ADC sampling
– Two filters with configurable filter coefficients
– Two threshold monitors that trigger an interrupt when filtered data exceeds a high threshold or falls
below a low threshold
– Continuous transfer of conversion results to memory via the GDMA interface
• LP ADC controllers:
– One-shot sampling mode
– Sampling in sleep mode (e.g., Deep-sleep)
• Event Task Matrix (ETM) support for various events and tasks
Pin Assignment
The pins of the ADC controller are multiplexed with GPIO16–GPIO23, GPIO49–GPIO54, the interfaces of two
analog voltage comparators, and the third RMII interface of EMAC.
4.2.3.4
Analog Voltage Comparator
ESP32-P4 integrates two analog voltage comparators. These comparators rely on special pads that support
voltage comparison functionality to monitor voltage changes on these pads.
Espressif Systems
80
Submit Documentation Feedback
ESP32-P4 Series Datasheet v0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com