Electronic Components Datasheet Search
  English  ▼

X  

ESP32-P4 Datasheet(PDF) 14 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-P4
Description  MCU with one RISC-V 32-bit dual-core high-performance microprocessor and one single-core low-power microprocessor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-P4 Datasheet(HTML) 14 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-P4 Datasheet HTML 10Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 11Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 12Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 13Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 14Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 15Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 16Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 17Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 18Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 93 page
background image
2 Pins
2.2 Pin Overview
The ESP32-P4 chip integrates multiple peripherals that require communication with the outside world. To keep
the chip package size reasonably small, the number of available pins has to be limited. So the only way to
route all the incoming and outgoing signals is through pin multiplexing. Pin muxing is controlled via software
programmable registers (see ESP32-P4 Technical Reference Manual > Chapter GPIO Matrix and IO MUX). In
addition, ESP32-P4 has a number of pins that are dedicated to certain peripherals, such as MIPI DSI and CSI,
and cannot be used for general-purpose IO.
All in all, the ESP32-P4 chip has the following types of pins:
• IO pins with the following predefined sets of functions to choose from:
– Each IO pin has predefined IO MUX functions – see Table 2-3 IO MUX Functions
– Some IO pins have predefined LP IO MUX functions – see Table 2-5 LP IO MUX Functions
– Some IO pins have predefined analog functions – see Table 2-7 Analog Functions
Predefined functions means that each IO pin has a set of direct connections to certain signals from
on-chip components. During run-time, the user can configure which component signal from a
predefined set to connect to a certain pin at a certain time via memory mapped registers.
• Dedicated interface pins can only be used by certain peripherals, such as flash, MIPI DSI, and MIPI CSI –
see Table 2-9 Dedicated Interface Pins
• Analog pins that have exclusively-dedicated analog functions – see Table 2-10 Analog Pins
• Power pins that supply power to the chip components and non-power pins – see Table 2-11 Power Pins
Table 2-1 Pin Overview gives an overview of all the pins. For more information, see the respective sections for
each pin type below, or Appendix A – ESP32-P4 Consolidated Pin Overview.
Table 2-1. Pin Overview
Pin
Pin
Pin
Pin Providing
Pin Settings
4
Pin Function Sets
1
No.
Name
Type
Power
2, 3
At Reset
After Reset
IO MUX
LP IO MUX
Analog
1
GPIO1
IO
VDD_LP / VDD_BAT
–
–
IO MUX
LP IO MUX
Analog
2
GPIO2
IO
VDD_LP / VDD_BAT
–
IE, WPU
5
IO MUX
LP IO MUX
Analog
3
GPIO3
IO
VDD_LP / VDD_BAT
–
IE
IO MUX
LP IO MUX
Analog
4
GPIO4
IO
VDD_LP
–
IE
IO MUX
LP IO MUX
Analog
5
GPIO5
IO
VDD_LP
–
–
IO MUX
LP IO MUX
Analog
6
GPIO6
IO
VDD_LP
–
–
IO MUX
LP IO MUX
Analog
7
GPIO7
IO
VDD_LP
–
–
IO MUX
LP IO MUX
Analog
8
GPIO8
IO
VDD_LP
–
–
IO MUX
LP IO MUX
Analog
9
VDD_LP
Power
–
–
–
–
–
–
10
GPIO9
IO
VDD_LP
–
–
IO MUX
LP IO MUX
Analog
11
GPIO10
IO
VDD_LP
–
–
IO MUX
LP IO MUX
Analog
12
GPIO11
IO
VDD_LP
–
–
IO MUX
LP IO MUX
Analog
13
GPIO12
IO
VDD_LP
–
–
IO MUX
LP IO MUX
Analog
14
GPIO13
IO
VDD_LP
–
–
IO MUX
LP IO MUX
Analog
15
GPIO14
IO
VDD_LP
–
–
IO MUX
LP IO MUX
Analog
Cont’d on next page
Espressif Systems
14
Submit Documentation Feedback
ESP32-P4 Series Datasheet v0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com