Electronic Components Datasheet Search
  English  ▼

X  

ESP32-P4 Datasheet(PDF) 49 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-P4
Description  MCU with one RISC-V 32-bit dual-core high-performance microprocessor and one single-core low-power microprocessor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-P4 Datasheet(HTML) 49 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-P4 Datasheet HTML 45Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 46Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 47Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 48Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 49Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 50Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 51Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 52Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 53Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 93 page
background image
4 Functional Description
Feature List
• Two 52-bit counters and three 52-bit comparators
• Software accessing registers clocked by APB_CLK
• CNT_CLK used for counting, with an average frequency of 16 MHz in two counting cycles
• 40 MHz XTAL_CLK as the clock source of CNT_CLK
• 52-bit alarm values (t) and 26-bit alarm periods (δt)
• Two modes to generate alarms:
– Target mode: only a one-time alarm is generated based on the alarm value (t)
– Period mode: periodic alarms are generated based on the alarm period (δt)
• Three comparators generating three independent interrupts based on configured alarm value (t) or alarm
period (δt)
• Software configuring the reference count value. For example, the system timer is able to load back the
sleep time recorded by RTC timer via software after Light-sleep
• Able to stall or continue running when CPU stalls or enters the on-chip-debugging mode
• Alarm for Event Task Matrix (ETM) event
4.1.4.8
Timer Group (TIMG)
ESP32-P4 chip contains two timer groups. Each timer group consists of two general-purpose timers and one
Main System Watchdog Timer (MWDT). The general-purpose timer is based on a 16-bit prescaler and a 54-bit
auto-reload-capable up-down counter.
Feature List
• A 54-bit time-base counter programmable to incrementing or decrementing
• Three clock sources: PLL_F80M_CLK or XTAL_CLK or RC_FAST_CLK
• A 16-bit clock prescaler, from 2 to 65536
• Able to read real-time value of the time-base counter
• Able to halt and resume the time-base counter
• Programmable alarm generation
• Timer value reload —Auto-reload at alarm or software-controlled instant reload
• Calculate clock frequency —Calculate the measured frequency of the clock based on the crystal clock
• Level interrupt generation
• Support several ETM tasks and events
4.1.4.9
Watchdog Timers (WDT)
ESP32-P4 contains three digital watchdog timers: one in each of the two timer groups (called Main System
Watchdog Timers, or MWDT) and one in the LP system (called the RTC Watchdog Timer, or RWDT).
Espressif Systems
49
Submit Documentation Feedback
ESP32-P4 Series Datasheet v0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com