Electronic Components Datasheet Search
  English  ▼

X  

ESP32-P4 Datasheet(PDF) 8 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-P4
Description  MCU with one RISC-V 32-bit dual-core high-performance microprocessor and one single-core low-power microprocessor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-P4 Datasheet(HTML) 8 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-P4 Datasheet HTML 4Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 5Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 6Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 7Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 8Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 9Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 10Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 11Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 12Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 93 page
background image
Contents
4.2.2.7
LP I2S Controller
68
4.2.2.8
Pulse Count Controller (PCNT)
69
4.2.2.9
USB 2.0 High-Speed OTG
69
4.2.2.10
USB 2.0 Full-Speed OTG
70
4.2.2.11
USB Serial/JTAG Controller (USB_SERIAL_JTAG)
72
4.2.2.12
Ethernet Media Access Controller (EMAC)
72
4.2.2.13
Two-Wire Automotive Interface (TWAI)
74
4.2.2.14
SD/MMC Host Controller (SDHOST)
75
4.2.2.15
LED PWM Controller (LEDC)
75
4.2.2.16
Motor Control PWM (MCPWM)
76
4.2.2.17
Remote Control Peripheral (RMT)
76
4.2.2.18
Parallel IO Controller (PARLIO)
77
4.2.2.19
BitScrambler
78
4.2.3
Analog Signal Processing
79
4.2.3.1
Touch Sensor
79
4.2.3.2
Temperature Sensor (TSENS)
79
4.2.3.3
ADC Controller (ADC)
80
4.2.3.4
Analog Voltage Comparator
80
4.2.3.5
Voice Activity Detection (VAD)
81
5
Electrical Characteristics
82
5.1
Absolute Maximum Ratings
82
5.2
Recommended Operating Conditions
82
5.3
VDDO_FLASH Output Characteristics
83
5.4
DC Characteristics (3.3 V, 25 °C)
83
5.5
ADC Characteristics
84
5.6
Current Consumption in Active and Low-power Modes
84
5.7
Memory Specifications
85
6
Packaging
87
Related Documentation and Resources
88
Appendix A – ESP32-P4 Consolidated Pin Overview
89
Revision History
92
Espressif Systems
8
Submit Documentation Feedback
ESP32-P4 Series Datasheet v0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com