Electronic Components Datasheet Search
  English  ▼

X  

ESP32-P4 Datasheet(PDF) 59 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-P4
Description  MCU with one RISC-V 32-bit dual-core high-performance microprocessor and one single-core low-power microprocessor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-P4 Datasheet(HTML) 59 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-P4 Datasheet HTML 55Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 56Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 57Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 58Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 59Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 60Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 61Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 62Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 63Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 93 page
background image
4 Functional Description
– YUV422: the horizontal resolution of the output decoded image is the multiples of 16 and the
vertical resolution is multiples of 8, i.e., 150 × 150 images with an output resolution of 160 × 152
– YUV420: both the horizontal and vertical resolutions of the output decoded image are multiples of
16, i.e., 150 × 150 images with an output resolution of 160 × 160
• Performance:
– Still image decoding: up to 4K resolution
– Dynamic image decoding: up to 1080P@40fps, 720P@70fps (excluding header parsing time)
Pin Assignment
The JPEG Codec does not interact directly with IOs, so it has no pins assigned.
4.2.1.2
Image Signal Processor (ISP)
ESP32-P4 includes an image signal processor (ISP), which is a pipeline composed of various image
processing algorithms.
Feature List
• Maximum resolution: 1920 x 1080
• Three input channels: MIPI-CSI, DVP, and AXI-DMAC
• Supports pixel down-sample and byte swap for MIPI-CSI input
• Input formats: RAW8, RAW10, and RAW12
• Output formats: RAW8, RGB888, RGB565, YUV422, and YUV420
• Pipeline features:
– Black Level Correction (BLC)
– Dead Pixel Correction (DPC)
– Bayer filter (BF)
– Lens Shading Correction (LSC)
– Demosaic
– White Balance Gain (WBG)
– Color correction matrix (CCM)
– Gamma correction
– RGB2YUV
– Sharpen
– Contrast/hue/saturation/luminance adjustment (COLOR)
– YUV_limit
– YUV2RGB
Espressif Systems
59
Submit Documentation Feedback
ESP32-P4 Series Datasheet v0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com