Electronic Components Datasheet Search
  English  ▼

X  

ESP32-P4 Datasheet(PDF) 30 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-P4
Description  MCU with one RISC-V 32-bit dual-core high-performance microprocessor and one single-core low-power microprocessor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-P4 Datasheet(HTML) 30 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-P4 Datasheet HTML 26Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 27Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 28Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 29Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 30Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 31Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 32Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 33Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 34Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 93 page
background image
2 Pins
2.6 Power Supply
2.6.1
Power Pins
The chip is powered via the power pins described in Table 2-11 Power Pins.
Table 2-11. Power Pins
Pin
Pin
Power Supply
1
No.
Name
Direction
Power Domain / Other
3
IO Pins
9
VDD_LP
Input
LP power domain
LP IO
4
21
VDD_IO_0
Input
Digital power domain
HP IO
26
VDD_HP_0
Input
Digital power domain
30
VDD_FLASHIO
2
Input
Flash
flash IO
41
VDD_MIPI_DPHY
Input
MIPI PHY
MIPI IO
51
VDD_USBPHY
Input
USB PHY
High-speed USB IO
54
VDD_HP_1
Input
Digital power domain
59
VDD_PSRAM_0
Input
PSRAM
PSRAM IO
62
VDD_IO_4
Input
Digital power domain
HP IO
67
VDD_PSRAM_1
Input
PSRAM
PSRAM IO
71
VDDO_FLASH
Output
Off-package flash, output 50 mA current at the maxi-
mum
72
VDDO_PSRAM
Output
In-package and off-package PSRAM, output 50 mA
current at the maximum
73
VDDO_3
Output
Output 50 mA current at the maximum
74
VDDO_4
Output
Output 50 mA current at the maximum
75
VDD_LDO
Input
Analog power domain, providing power for LDOs
76
VDD_HP_2
Input
Digital power domain
77
VDD_DCDCC
Input
Analog power domain, providing power for DC/DC
control
85
VDD_IO_5
Input
Digital power domain
HP IO
91
VDD_HP_3
Input
Digital power domain
96
VDD_IO_6
Input
Digital power domain
HP IO
101
VDD_ANA
Input
Analog power domain
102
VDD_BAT
Input
Analog power domain, connecting to external batteries
optionally
105
GND
—
External ground connection
1 See in conjunction with Section 2.6.2 Power Scheme.
2 VDD_FLASHIO provides power for flash IO, and the voltage should be adjusted according to the specific flash model.
In this document, all related descriptions are based on a 3.3 V flash as an example.
3 For recommended and maximum voltage and current, see Section 5.1 Absolute Maximum Ratings and Section 5.2
Recommended Operating Conditions.
4 LP IO pins are those powered by VDD_LP or VDD_BAT, as shown in Figure 2-2 ESP32-P4 Power Scheme. See also
Table 2-1 Pin Overview > Column Pin Providing Power.
2.6.2 Power Scheme
The power scheme is shown in Figure 2-2 ESP32-P4 Power Scheme.
The components on the chip are powered via voltage regulators.
Espressif Systems
30
Submit Documentation Feedback
ESP32-P4 Series Datasheet v0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com