Electronic Components Datasheet Search
  English  ▼

X  

ESP32-P4 Datasheet(PDF) 39 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-P4
Description  MCU with one RISC-V 32-bit dual-core high-performance microprocessor and one single-core low-power microprocessor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-P4 Datasheet(HTML) 39 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-P4 Datasheet HTML 35Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 36Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 37Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 38Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 39Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 40Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 41Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 42Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 43Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 93 page
background image
4 Functional Description
Feature List
• Compatible with Efficient Trace for RISC-V v2.0
• Delta address mode and full address mode
• A filter unit
• Notifying an instruction address via debug trigger or filter unit
• Support for the following sideband signals to control trace data flow:
– Debugging trigger to start or end encoder
– When the hart is halted, the encoder can report the last packet and then stop
– When the hart is reset, the encoder can report the last packet and then stop
– Stalling the hart when FIFO is almost full
• Arbitrary address range of the trace memory size
• Configurable synchronization modes:
– Synchronization counter counts by packet
– Synchronization counter counts by cycle
– Synchronization counter can be disabled
• Trace lost status to indicate packet loss
• Automatic restart after packet loss
• Memory writing in the loop or non-loop mode
• Two interrupts:
– Triggered when the packet size exceeds the configured memory space
– Triggered when a packet is lost
• FIFO (128 × 8 bits) to buffer packets
• AHB burst transmission with configurable burst length
4.1.1.3 Processor Instruction Extensions
The ESP32-P4 HP 32-bit RISC-V dual-core processor supports standard RV32IMAFCZc extensions, and it also
contains a custom extended instruction set Xhwlp which reduces the number of instructions in the loop body
to improve performance, and a custom AI and DSP extension Xai to improve operation efficiency of specific AI
and DSP algorithms.
Feature List
• Eight new 128-bit general-purpose registers
• 128-bit vector operations, including complex multiplication, addition, subtraction, multiplication, shifting,
and comparison
• Combined data handling instructions and load/store operation instructions
Espressif Systems
39
Submit Documentation Feedback
ESP32-P4 Series Datasheet v0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com