Electronic Components Datasheet Search
  English  ▼

X  

ESP32-P4 Datasheet(PDF) 1 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-P4
Description  MCU with one RISC-V 32-bit dual-core high-performance microprocessor and one single-core low-power microprocessor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-P4 Datasheet(HTML) 1 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

  ESP32-P4 Datasheet HTML 1Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 2Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 3Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 4Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 5Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 6Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 7Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 8Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 9Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 93 page
background image
ESP32-P4 Series
Datasheet Pre-release v0.5
MCU with one RISC-V 32-bit dual-core high-performance microprocessor and one single-core
low-power microprocessor
Powerful image and voice processing capability
16 MB or 32 MB PSRAM in the chip’s package
55 GPIOs, rich set of peripherals
QFN104 (10×10 mm) Package
Including:
ESP32-P4NRW16X
ESP32-P4NRW32X
www.espressif.com


Similar Part No. - ESP32-P4

ManufacturerPart #DatasheetDescription
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-PICO ESPRESSIF-ESP32-PICO Datasheet
4Mb / 64P
2.4 GHz Wi-Fi Bluetooth® Bluetooth LE SiP
Version 1.1
ESP32-PICO-D4 ESPRESSIF-ESP32-PICO-D4 Datasheet
2Mb / 24P
The ESP32-PICO-D4 is a System-in-Package (SiP) module that is based on ESP32, providing complete Wi-Fi and Bluetooth functionalities
ESP32-PICO-D4 ESPRESSIF-ESP32-PICO-D4  Datasheet
4Mb / 64P
2.4 GHz Wi-Fi Bluetooth® Bluetooth LE SiP
Version 1.1
ESP32-PICO-MINI-02 ESPRESSIF-ESP32-PICO-MINI-02 Datasheet
923Kb / 33P
2.4 GHz WiFi Bluetooth® Bluetooth LE module Built around ESP32 series of SoCs, Xtensa® dualcore Flash up to 8 MB, PSRAM up to 2 MB 27 GPIOs, rich set of peripherals On-board PCB antenna or external antenna connector
2022 Version 1.2
ESP32-PICO-MINI-02-N8R2 ESPRESSIF-ESP32-PICO-MINI-02-N8R2 Datasheet
923Kb / 33P
2.4 GHz WiFi Bluetooth® Bluetooth LE module Built around ESP32 series of SoCs, Xtensa® dualcore Flash up to 8 MB, PSRAM up to 2 MB 27 GPIOs, rich set of peripherals On-board PCB antenna or external antenna connector
2022 Version 1.2
More results

Similar Description - ESP32-P4

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB-R2000A SIEMENS-SAB-R2000A Datasheet
1Mb / 79P
HIGH PERFORMANCE 32-BIT RISC MICROPROCESSOR
logo
Samsung semiconductor
S3C2800 SAMSUNG-S3C2800 Datasheet
119Kb / 22P
32-BIT RISC MICROPROCESSOR
logo
NEC
V850E1 NEC-V850E1 Datasheet
1Mb / 226P
32-Bit Microprocessor Core
logo
Toshiba Semiconductor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
32-bit RISC Microprocessor
02-Feb-1999
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
32-Bit RISC Microprocessor
16-Aug-2024
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
32-Bit RISC Microprocessor
21-Feb-2006
TMP19A71CYFG TOSHIBA-TMP19A71CYFG Datasheet
14Mb / 402P
32-Bit RISC Microprocessor
TMP19A64C1DXBG TOSHIBA-TMP19A64C1DXBG Datasheet
6Mb / 460P
32-bit RISC Microprocessor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
32-bit RISC Microprocessor
TMP19A43CD TOSHIBA-TMP19A43CD Datasheet
12Mb / 523P
32-bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com