Electronic Components Datasheet Search
  English  ▼

X  

ESP32-P4 Datasheet(PDF) 70 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-P4
Description  MCU with one RISC-V 32-bit dual-core high-performance microprocessor and one single-core low-power microprocessor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-P4 Datasheet(HTML) 70 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-P4 Datasheet HTML 66Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 67Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 68Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 69Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 70Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 71Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 72Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 73Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 74Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 93 page
background image
4 Functional Description
• USB 2.0 specification, OTG Revision 1.3 and OTG Revision 2.0 specifications
• High-Speed, Full-Speed, and Low-Speed data rates
• As a host and a device in High-Speed mode and Full-Speed mode
• Dynamic FIFO (DFIFO) sizing, each device EP/host channel can dynamically allocate a maximum of 4 KB
FIFO.
• Up to 8 non-periodic transactions and 16 periodic transactions per microframe
• Multiple modes of memory access
– Scatter/Gather DMA mode
– Buffer DMA mode
– Slave Mode
• Integrated UTMI High-Speed transceiver
Device Mode Features
• Endpoint 0 always present, bi-directional, consisting of EP0 IN and EP0 OUT
• 15 additional endpoints 1–15, configurable as IN or OUT
• Maximum of eight IN endpoints concurrently active at any time, including EP0 IN
• All OUT endpoints share a single RX FIFO
• Each IN endpoint has a dedicated TX FIFO
Host Mode Features
• 16 host channels
• RX FIFO: shared by all periodic and non-periodic transactions
• Two TX FIFO:
– One shared by all non-periodic transactions
– One shared by all periodic transactions
• All of the above FIFOs share a 4 KB RAM.
• The size of each FIFO is configurable, with a maximum of 4 KB.
Pin Assignment
The pins connected to USB2 OTG PHY DM (USB_D-) and USB2 OTG PHY DP (USB_D+) signals of USB 2.0
High-Speed OTG are dedicated pin49 and pin50. Other signals can be routed to any GPIOs via the GPIO
matrix.
4.2.2.10 USB 2.0 Full-Speed OTG
The ESP32-P4 features a USB 2.0 Full-Speed On-The-Go peripheral (henceforth referred to as OTG_FS) along
with integrated transceivers. This OTG_FS conforms to USB 2.0 specification, OTG Revision 1.3, and OTG
Revision 2.0 specifications, OTG_FS can operate as either a USB Host or Device and supports 12 Mbit/s
Espressif Systems
70
Submit Documentation Feedback
ESP32-P4 Series Datasheet v0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com