Electronic Components Datasheet Search
  English  ▼

X  

ESP32-P4 Datasheet(PDF) 36 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-P4
Description  MCU with one RISC-V 32-bit dual-core high-performance microprocessor and one single-core low-power microprocessor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-P4 Datasheet(HTML) 36 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-P4 Datasheet HTML 32Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 33Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 34Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 35Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 36Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 37Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 38Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 39Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 40Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 93 page
background image
3 Boot Configurations
system.
In Joint Download Boot mode, users can download binary files into flash using USB, UART0, or SPI slave
interface. It is also possible to download binary files into L2MEM and execute them from L2MEM.
In addition to SPI Boot and Joint Download Boot modes, ESP32-P4 also supports SPI Download Boot mode.
For details, please see ESP32-P4 Technical Reference Manual > Chapter Chip Boot Control.
3.2
VDDO_FLASH Voltage Control
ESP32-P4 supplies power to flash via VDDO_FLASH, which outputs 3.3 V by default. After burning
EFUSE_0PXA_TIEH_SEL_0, the output changes to 1.8 V.
Table 3-4. VDDO_FLASH Voltage Control
VDDO_FLASH power source 2
EFUSE_0PXA_TIEH_SEL_0
Voltage
Flash LDO
0
3.3 V
2
1.8 V
1 Bold marks the default value and configuration.
2 See Section 2.6.2 Power Scheme.
3.3
ROM Messages Printing Control
During the boot process, the messages by the ROM code can be printed to:
• (Default) UART0 and USB Serial/JTAG controller
• USB Serial/JTAG controller
• UART0
EFUSE_UART_PRINT_CONTROL and GPIO36 control ROM messages printing to UART0 as shown in Table 3-5
UART0 ROM Message Printing Control.
Table 3-5. UART0 ROM Message Printing Control
UART0 ROM Code Printing
EFUSE_UART_PRINT_CONTROL
GPIO36
Enabled
0
Ignored
1
0
2
1
Disabled
1
1
2
0
3
Ignored
1 Bold marks the default value and configuration.
EFUSE_DIS_USB_SERIAL_JTAG_ROM_PRINT controls the printing to USB Serial/JTAG controller as shown in
Table 3-6 USB Serial/JTAG ROM Message Printing Control.
Espressif Systems
36
Submit Documentation Feedback
ESP32-P4 Series Datasheet v0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com