Electronic Components Datasheet Search
  English  ▼

X  

ESP32-P4 Datasheet(PDF) 47 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-P4
Description  MCU with one RISC-V 32-bit dual-core high-performance microprocessor and one single-core low-power microprocessor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-P4 Datasheet(HTML) 47 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-P4 Datasheet HTML 43Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 44Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 45Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 46Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 47Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 48Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 49Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 50Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 51Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 93 page
background image
4 Functional Description
* HP CPU0 will be automatically released from reset after chip power-up.
* HP CPU1 is at reset by default after chip power-up, and needs to be manually released from
reset.
* LP CPU is at reset after chip power-up, and needs to be manually released from reset by
configuring the power management unit (PMU).
– Core Reset: resets the whole digital system except for LP AON. HP core and LP core can be reset
independently: HP Core Reset resets HP CPU0, HP CPI1, HP peripherals, HP GPIO, etc., and LP
Core Reset resets LP CPU and LP peripherals.
– System Reset: resets the whole digital system, including the LP system.
– Chip Reset: resets the whole chip.
• Software reset and hardware reset:
– Software Reset: triggered via software by configuring the corresponding registers of CPU.
– Hardware Reset: triggered directly by the hardware.
4.1.4.3 Clock
ESP32-P4 clocks are mainly sourced from oscillator (OSC, including Resistor-Capacitor circuit), crystal (XTAL),
and PLL circuit, and then processed by the dividers or selectors, which allows most functional modules to
select their working clock according to their power consumption and performance requirements.
ESP32-P4 clocks can be classified into two types depending on their frequencies:
• High speed clocks for devices working at a higher frequency, such as HP CPU0/1 and digital peripherals
– CPLL_CLK: internal 400 MHz PLL clock. Its reference clock is XTAL_CLK
– MPLL_CLK: internal 500 MHz PLL clock. Its reference clock is XTAL_CLK
– SPLL_CLK: internal 480 MHz PLL clock. Its reference clock is XTAL_CLK
• Slow speed clocks for LP system and some peripherals working in low-power mode
– XTAL32K_CLK: external 32 kHz crystal clock
– RC_SLOW_CLK: internal slow RC oscillator with adjustable frequency (150 kHz by default)
– OSC_SLOW_CLK: external slow clock input through XTAL_32K_N, with a frequency of 32 kHz by
default. After configuring this GPIO, also configure the Hold function
– XTAL_CLK: 40 MHz external crystal clock
– RC_FAST_CLK: internal fast RC oscillator with adjustable frequency (20 MHz by default)
– PLL_LP_CLK: internal PLL clock with a frequency of 8 MHz by default. Its reference clock can be
XTAL32K_CLK
4.1.4.4
Interrupt Matrix
The Interrupt Matrix in the ESP32-P4 chip routes interrupt requests generated by various peripherals to CPU
interrupts.
Espressif Systems
47
Submit Documentation Feedback
ESP32-P4 Series Datasheet v0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com