Electronic Components Datasheet Search
  English  ▼

X  

ESP32-P4 Datasheet(PDF) 63 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-P4
Description  MCU with one RISC-V 32-bit dual-core high-performance microprocessor and one single-core low-power microprocessor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-P4 Datasheet(HTML) 63 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-P4 Datasheet HTML 59Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 60Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 61Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 62Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 63Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 64Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 65Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 66Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 67Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 93 page
background image
4 Functional Description
• Using the video mode to output video stream
• Outputting image patterns
Pin Assignment
The MIPI DSI interface uses the dedicated digital pins 34–40.
4.2.2
Connectivity Interface
This subsection describes the connectivity interfaces on the chip that enable communication and interaction
with external devices and networks.
4.2.2.1 UART Controller (UART)
ESP32-P4 has six UART controllers, including five UARTs in the HP system and one low-power (LP)
UART.
Feature List
Table 4-1. UART and LP UART Feautre Comparison
UART Feature
LP UART Feature
Programmable baud rate up to 5 MBaud
260 x 8-bit RAM, shared by TX FIFOs
and RX FIFOs of the UART controllers
20 x 8-bit RAM, shared by the TX FIFO
and RX FIFO of LP UART
Full-duplex asynchronous communication
Data bits (5 to 8 bits)
Stop bits (1, 1.5, or 2 bits)
Parity bit
Special character AT_CMD detection
RS485 protocol
—
IrDA protocol
—
High-speed data communication using
GDMA
—
Receive timeout
UART as wakeup source
Software and hardware flow control
Three prescalable clock sources:
1. XTAL_CLK
2. RC_FAST_CLK
3. PLL_F80M_CLK
Three prescalable clock sources
1. RC_FAST_CLK
2. XTAL_DIV_CLK
3. PLL_F8M_CLK
Pin Assignment
For UART0–UART4 interfaces, the pins used can be chosen from any GPIOs via the GPIO Matrix. By default,
the pins connected to transmit and receive signals (UART0_TXD_PAD and UART0_RXD_PAD) of UART0 are
multiplexed with GPIO37–GPIO38 and the eight-line interface of SPI2 controller via IO MUX.
Espressif Systems
63
Submit Documentation Feedback
ESP32-P4 Series Datasheet v0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com