Electronic Components Datasheet Search
  English  ▼

X  

ESP32-P4 Datasheet(PDF) 83 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-P4
Description  MCU with one RISC-V 32-bit dual-core high-performance microprocessor and one single-core low-power microprocessor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-P4 Datasheet(HTML) 83 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-P4 Datasheet HTML 79Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 80Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 81Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 82Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 83Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 84Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 85Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 86Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-P4 Datasheet HTML 87Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 93 page
background image
5 Electrical Characteristics
Table 5-2 – cont’d from previous page
Parameter
Description
Min
Typ
Max Unit
VDD_HP_0,VDD_HP_1, VDD_HP_2,
VDD_HP_3 1
Recommended input voltage
0.99
1.1
1.3
V
VDD_MIPI_DPHY
Recommended input voltage
2.25
2.5
2.75
V
VDD_USBPHY
Recommended input voltage
2.97
3.3
3.63
V
IV DD
Current supplied to core
0.5
—
—
A
TA
Ambient temperature
–40
—
85 °C
1 The chip can automatically adjust the input voltage of VDD_HP_x based on the situation.
5.3
VDDO_FLASH Output Characteristics
Table 5-3. VDDO_FLASH Internal and Output Characteristics
Parameter Description
Typ
Unit
RV F B
VDDO_FLASH powered by VDD_LDO via
RV F B for 3.3 V flash 1
3
Ω
IV F B
Output current when VDDO_FLASH is pow-
ered by Flash Voltage Regulator for 1.8 V flash
50 mA
1 See in conjunction with Section 2.6.2 Power Scheme.
1 VDD_LDO must be more than VDD_flash_min + I_flash_max ×
RV F B;
where
• VDD_flash_min – minimum operating voltage of flash
• I_flash_max – maximum operating current of flash
5.4
DC Characteristics (3.3 V, 25 °C)
Table 5-4. DC Characteristics (3.3 V, 25 °C)
Parameter Description
Min
Typ
Max
Unit
CIN
Pin capacitance
—
2
—
pF
VIH
High-level input voltage
0.75 × VDD1
—
VDD1 + 0.3
V
VIL
Low-level input voltage
–0.3
—
0.25 × VDD1
V
IIH
High-level input current
—
—
50
nA
IIL
Low-level input current
—
—
50
nA
VOH 2
High-level output voltage
0.8 × VDD1
—
—
V
VOL2
Low-level output voltage
—
—
0.1 × VDD1
V
IOH
High-level source current (VDD1 = 3.3 V,
VOH >= 2.64 V, PAD_DRIVER = 3)
—
40
—
mA
IOL
Low-level sink current (VDD1 = 3.3 V, VOL
= 0.495 V, PAD_DRIVER = 3)
—
28
—
mA
RP U
Pull-up resistor
—
45
—
kΩ
Espressif Systems
83
Submit Documentation Feedback
ESP32-P4 Series Datasheet v0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com