Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 417 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 417 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 413Page - Renesas Technology Corp HD64F36049 Datasheet HTML 414Page - Renesas Technology Corp HD64F36049 Datasheet HTML 415Page - Renesas Technology Corp HD64F36049 Datasheet HTML 416Page - Renesas Technology Corp HD64F36049 Datasheet HTML 417Page - Renesas Technology Corp HD64F36049 Datasheet HTML 418Page - Renesas Technology Corp HD64F36049 Datasheet HTML 419Page - Renesas Technology Corp HD64F36049 Datasheet HTML 420Page - Renesas Technology Corp HD64F36049 Datasheet HTML 421Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 417 / 562 page
background image
Section 19 A/D Converter
Rev. 3.00 Mar. 15, 2006 Page 385 of 526
REJ09B0060-0300
19.4.3
Input Sampling and A/D Conversion Time
The A/D converter has a built-in sample-and-hold circuit. The A/D converter samples the analog
input when the A/D conversion start delay time (t
D) has passed after the ADST bit is set to 1, then
starts conversion. Figure 19.2 shows the A/D conversion timing. Table 19.3 shows the A/D
conversion time.
As indicated in figure 19.2, the A/D conversion time includes t
D and the input sampling time. The
length of t
D varies depending on the timing of the write access to ADCSR. The total conversion
time therefore varies within the ranges indicated in table 19.3.
In scan mode, the values given in table 19.3 apply to the first conversion time. In the second and
subsequent conversions, the conversion time is 128 states (fixed) when CKS = 0 and 66 states
(fixed) when CKS = 1.
(1)
(2)
φ
Address
Write signal
Input sampling
timing
ADF
[Legend]
(1):
(2):
t
D:
t
SPL:
t
CONV:
ADCSR write cycle
ADCSR address
A/D conversion start delay time
Input sampling time
A/D conversion time
t
CONV
t
SPL
t
D
Figure 19.2 A/D Conversion Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com