Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 418 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 418 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 414Page - Renesas Technology Corp HD64F36049 Datasheet HTML 415Page - Renesas Technology Corp HD64F36049 Datasheet HTML 416Page - Renesas Technology Corp HD64F36049 Datasheet HTML 417Page - Renesas Technology Corp HD64F36049 Datasheet HTML 418Page - Renesas Technology Corp HD64F36049 Datasheet HTML 419Page - Renesas Technology Corp HD64F36049 Datasheet HTML 420Page - Renesas Technology Corp HD64F36049 Datasheet HTML 421Page - Renesas Technology Corp HD64F36049 Datasheet HTML 422Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 418 / 562 page
background image
Section 19 A/D Converter
Rev. 3.00 Mar. 15, 2006 Page 386 of 526
REJ09B0060-0300
Table 19.3
A/D Conversion Time (Single Mode)
CKS = 0
CKS = 1
Item
Symbol
Min.
Typ.
Max.
Min.
Typ.
Max.
A/D conversion start delay time
t
D
6
—
9
4
—
5
Input sampling time
t
SPL
—
31
—
—
15
—
A/D conversion time
t
CONV
131
—
134
69
—
70
Note:
All values represent the number of states.
19.4.4
External Trigger Input Timing
A/D conversion can also be started by an external trigger input. When the TRGE bit in ADCR is
set to 1, external trigger input is enabled at the
ADTRG pin. A falling edge at the ADTRG input
pin sets the ADST bit in ADCSR to 1, starting A/D conversion. Other operations, in both single
and scan modes, are the same as when the bit ADST has been set to 1 by software. Figure 19.3
shows the timing.
φ
ADTRG
Internal trigger signal
ADST
A/D conversion
Figure 19.3 External Trigger Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com