Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 423 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 423 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 419Page - Renesas Technology Corp HD64F36049 Datasheet HTML 420Page - Renesas Technology Corp HD64F36049 Datasheet HTML 421Page - Renesas Technology Corp HD64F36049 Datasheet HTML 422Page - Renesas Technology Corp HD64F36049 Datasheet HTML 423Page - Renesas Technology Corp HD64F36049 Datasheet HTML 424Page - Renesas Technology Corp HD64F36049 Datasheet HTML 425Page - Renesas Technology Corp HD64F36049 Datasheet HTML 426Page - Renesas Technology Corp HD64F36049 Datasheet HTML 427Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 423 / 562 page
background image
Section 20 Power-On Reset and Low-Voltage Detection Circuits (Optional)
Rev. 3.00 Mar. 15, 2006 Page 391 of 526
REJ09B0060-0300
Section 20 Power-On Reset and Low-Voltage Detection
Circuits (Optional)
This LSI can include a power-on reset circuit and low-voltage detection circuit as optional circuits.
The low-voltage detection circuit consists of two circuits: LVDI (interrupt by low voltage detect)
and LVDR (reset by low voltage detect) circuits.
This circuit is used to prevent abnormal operation (runaway execution) from occurring due to the
power supply voltage fall and to recreate the state before the power supply voltage fall when the
power supply voltage rises again.
Even if the power supply voltage falls, the unstable state when the power supply voltage falls
below the guaranteed operating voltage can be removed by entering standby mode when
exceeding the guaranteed operating voltage and during normal operation. Thus, system stability
can be improved. If the power supply voltage falls more, the reset state is automatically entered. If
the power supply voltage rises again, the reset state is held for a specified period, then active mode
is automatically entered.
Figure 20.1 is a block diagram of the power-on reset circuit and the low-voltage detection circuit.
20.1
Features
• Power-on reset circuit
Uses an external capacitor to generate an internal reset signal when power is first supplied.
• Low-voltage detection circuit
LVDR: Monitors the power-supply voltage, and generates an internal reset signal when the
voltage falls below a specified value.
LVDI: Monitors the power-supply voltage, and generates an interrupt when the voltage falls
below or rises above respective specified values.
Two pairs of detection levels for reset generation voltage are available: when only the LVDR
circuit is used, or when the LVDI and LVDR circuits are both used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com