Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 425 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 425 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 421Page - Renesas Technology Corp HD64F36049 Datasheet HTML 422Page - Renesas Technology Corp HD64F36049 Datasheet HTML 423Page - Renesas Technology Corp HD64F36049 Datasheet HTML 424Page - Renesas Technology Corp HD64F36049 Datasheet HTML 425Page - Renesas Technology Corp HD64F36049 Datasheet HTML 426Page - Renesas Technology Corp HD64F36049 Datasheet HTML 427Page - Renesas Technology Corp HD64F36049 Datasheet HTML 428Page - Renesas Technology Corp HD64F36049 Datasheet HTML 429Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 425 / 562 page
background image
Section 20 Power-On Reset and Low-Voltage Detection Circuits (Optional)
Rev. 3.00 Mar. 15, 2006 Page 393 of 526
REJ09B0060-0300
20.2
Register Descriptions
The low-voltage detection circuit has the following registers.
• Low-voltage-detection control register (LVDCR)
• Low-voltage-detection status register (LVDSR)
20.2.1
Low-Voltage-Detection Control Register (LVDCR)
LVDCR is used to enable or disable the low-voltage detection circuit, set the detection levels for
the LVDR function, enable or disable the LVDR function, and enable or disable generation of an
interrupt when the power-supply voltage rises above or falls below the respective levels.
Table 20.1 shows the relationship between the LVDCR settings and select functions. LVDCR
should be set according to table 20.1.
Bit
Bit Name
Initial
Value
R/W
Description
7
LVDE
0*
R/W
LVD Enable
0: The low-voltage detection circuit is not used (In
standby mode)
1: The low-voltage detection circuit is used
6 to 4
All 1
Reserved
These bits are always read as 1, and cannot be
modified.
3
LVDSEL
0*
R/W
LVDR Detection Level Select
0: Reset detection voltage is 2.3 V (typ.)
1: Reset detection voltage is 3.6 V (typ.)
When the falling or rising voltage detection interrupt is
used, reset detection voltage of 2.3 V (typ.) should be
used. When only a reset detection interrupt is used,
reset detection voltage of 3.6 V (typ.) should be used.
2
LVDRE
0*
R/W
LVDR Enable
0: Disables the LVDR function
1: Enables the LVDR function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com