Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 465 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 465 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 461Page - Renesas Technology Corp HD64F36049 Datasheet HTML 462Page - Renesas Technology Corp HD64F36049 Datasheet HTML 463Page - Renesas Technology Corp HD64F36049 Datasheet HTML 464Page - Renesas Technology Corp HD64F36049 Datasheet HTML 465Page - Renesas Technology Corp HD64F36049 Datasheet HTML 466Page - Renesas Technology Corp HD64F36049 Datasheet HTML 467Page - Renesas Technology Corp HD64F36049 Datasheet HTML 468Page - Renesas Technology Corp HD64F36049 Datasheet HTML 469Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 465 / 562 page
background image
Section 23 Electrical Characteristics
Rev. 3.00 Mar. 15, 2006 Page 433 of 526
REJ09B0060-0300
23.2.3
AC Characteristics
Table 23.3
AC Characteristics
V
CC = 3.0 to 5.5 V, VSS = 0.0 V, Ta = –20 to +75°C, unless otherwise indicated.
Applicable
Values
Reference
Item
Symbol Pins
Test Condition
Min.
Typ.
Max.
Unit
Figure
f
OSC
OSC1,
OSC2
V
CC = 4.0 to 5.5 V
2.0
20.0
MHz
*
1
System clock
oscillation frequency
2.0
10.0
t
cyc
1
64
t
OSC
*
2
System clock (
φ)
cycle time
12.8
µs
Subclock oscillation
frequency
f
W
X1, X2
32.768
kHz
Watch clock (
φ
W)
cycle time
t
W
X1, X2
30.5
µs
Subclock (
φ
SUB)
cycle time
t
subcyc
2
8
t
W
*
2
Instruction cycle
time
2
t
cyc
t
subcyc
Oscillation
stabilization time
(crystal resonator)
t
rc
OSC1,
OSC2
10.0
ms
Oscillation
stabilization time
(ceramic resonator)
t
rc
OSC1,
OSC2
5.0
ms
Oscillation
stabilization time
t
rcx
X1, X2
2.0
s
t
CPH
OSC1
V
CC = 4.0 to 5.5 V
20.0
ns
External clock high
width
40.0
Figure
23.1
t
CPL
OSC1
V
CC = 4.0 to 5.5 V
20.0
ns
External clock low
width
40.0
t
CPr
OSC1
V
CC = 4.0 to 5.5 V
10.0
ns
External clock rise
time
15.0
t
CPf
OSC1
V
CC = 4.0 to 5.5 V
10.0
ns
External clock fall
time
15.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com