Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 466 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 466 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 462Page - Renesas Technology Corp HD64F36049 Datasheet HTML 463Page - Renesas Technology Corp HD64F36049 Datasheet HTML 464Page - Renesas Technology Corp HD64F36049 Datasheet HTML 465Page - Renesas Technology Corp HD64F36049 Datasheet HTML 466Page - Renesas Technology Corp HD64F36049 Datasheet HTML 467Page - Renesas Technology Corp HD64F36049 Datasheet HTML 468Page - Renesas Technology Corp HD64F36049 Datasheet HTML 469Page - Renesas Technology Corp HD64F36049 Datasheet HTML 470Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 466 / 562 page
background image
Section 23 Electrical Characteristics
Rev. 3.00 Mar. 15, 2006 Page 434 of 526
REJ09B0060-0300
Applicable
Values
Reference
Item
Symbol
Pins
Test Condition
Min.
Typ.
Max.
Unit
Figure
RES pin low
width
t
REL
RES
At power-on and in
modes other than
those below
t
rc
ms
Figure
23.2
In active mode and
sleep mode
operation
200
ns
Input pin high
width
t
IH
NMI, TMBI1,
IRQ0 to
IRQ3,
WKP0 to
WKP5,
TMCIV,
TMRIV,
TRGV,
ADTRG,
FTIOA0 to
FTIOD0,
FTIOA1 to
FTIOD1,
FTIOA to
FTIOD, FTCI
2
t
cyc
t
subcyc
Figure
23.3
Input pin low
width
t
IL
NMI, TMBI1,
IRQ0 to
IRQ3,
WKP0 to
WKP5,
TMCIV,
TMRIV,
TRGV,
ADTRG,
FTIOA0 to
FTIOD0,
FTIOA1 to
FTIOD1,
FTIOA to
FTIOD, FTCI
2
t
cyc
t
subcyc
Notes: 1. When an external clock is input, the minimum system clock oscillation frequency is
1.0 MHz.
2. Determined by the MA2, MA1, MA0, SA1, and SA0 bits in the system control register 2
(SYSCR2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com