| Electronic Components Datasheet Search |
|
HD64F36049 Datasheet(PDF) 554 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F36049 Datasheet(HTML) 554 Page - Renesas Technology Corp |
|
554 / 562 page ![]() Rev. 3.00 Mar. 15, 2006 Page 522 of of 526 REJ09B0060-0300 Instruction set ........................................... 18 Internal interrupts ..................................... 57 Internal power supply step-down circuit...................................................... 401 Interrupt mask bit (I)................................. 13 Interrupt response tme .............................. 59 Interval timer operation .......................... 163 IRQ3 to IRQ0 interrupts ........................... 55 L Large current ports...................................... 2 Logic operations instructions.................... 22 low-voltage detection circuit .................. 391 LVDI ...................................................... 398 LVDI (interrupt by low voltage detect) circuit...................................................... 398 LVDR ..................................................... 397 LVDR (reset by low voltage detect) circuit...................................................... 397 M Mark state ............................................... 339 Memory indirect ....................................... 30 Memory map ............................................ 10 Module standby function .......................... 87 Multiprocessor communication function................................................... 332 N NMI interrupt............................................ 55 Noise canceler ........................................ 368 Noise canceller ....................................... 301 Number of execution states .................... 481 O On-board programming modes ................. 95 Operation code map ................................ 478 Operation field .......................................... 27 Overrun error .......................................... 322 P Package ....................................................... 2 Package dimensions................................ 513 Parity error .............................................. 322 Pin arrangement .......................................... 4 Power-down modes................................... 75 Power-down states .................................. 106 power-on reset......................................... 391 Power-on reset circuit ............................. 396 Prescaler S ................................................ 73 Prescaler W............................................... 73 Product code lineup ................................ 512 Program counter (PC) ............................... 13 Program/program-verify ......................... 100 Program-counter relative .......................... 30 Programmer mode................................... 106 Programming units.................................... 90 Programming/erasing in user program mode ......................................................... 98 PWM mode............................................. 248 PWM operation....................................... 199 R Realtime clock (RTC)............................. 147 Register addresses................................... 404 Register bits ............................................ 411 Register direct........................................... 28 Register field............................................. 27 Register indirect........................................ 28 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |